Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMB Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # MMB
Description  METALLIZED POLYESTER FILM CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MMB Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  MMB Datasheet HTML 1Page - RUBYCON CORPORATION MMB Datasheet HTML 2Page - RUBYCON CORPORATION MMB Datasheet HTML 3Page - RUBYCON CORPORATION MMB Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TC
TX, TH TL, TJ
TN
TS
TC
TX, TH TL, TJ
TN
TS
◆RATED VOLTAGE:400VDC
: Tolerance(J:±5%,K:±10%)  **:Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
400MMB103 **
400MMB123 **
400MMB153 **
400MMB183 **
400MMB223 **
400MMB273 **
400MMB333 **
400MMB393 **
400MMB473 **
400MMB563 **
400MMB683 **
400MMB823 **
400MMB104 **
400MMB124 **
400MMB154 **
400MMB184 **
400MMB224 **
400MMB274 **
400MMB334 **
400MMB394 **
400MMB474 **
400MMB564 **
400MMB684 **
400MMB824 **
400MMB105 **
400MMB125 **
400MMB155 **
400MMB185 **
400MMB225 **
400MMB275 **
400MMB335 **
400MMB395 **
400MMB475 **
cap(μF)
AB
C
F±1.0 LS±0.5
d
Bag
Carton
AB, D
C
E
10.3
10.3
10.3
10.3
10.3
10.3
10.3
12.8
12.8
12.8
12.8
12.8
12.8
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
25.5
25.5
25.5
25.5
25.5
31.0
31.0
31.0
31.0
31.0
31.0
31.0
4.5
4.5
4.5
4.5
4.5
4.5
5.0
5.0
5.0
5.5
5.5
5.5
6.0
5.5
6.0
6.5
5.5
6.0
6.5
7.0
7.5
6.0
6.5
7.0
7.5
8.5
8.5
9.0
10.5
12.0
13.0
14.5
16.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.5
8.5
8.5
9.5
9.0
9.0
9.5
12.5
13.0
13.5
14.5
16.0
15.0
15.5
16.5
18.5
18.5
19.0
20.0
21.0
22.0
24.0
25.0
27.0
7.5
7.5
7.5
7.5
7.5
7.5
7.5
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
22.5
22.5
27.5
27.5
27.5
27.5
27.5
27.5
27.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
22.5
22.5
22.5
22.5
22.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
100
100
100
100
100
200
200
200
200
200
200
100
100
100
50
50
50
6,000
6,000
6,000
6,000
6,000
6,000
6,000
6,000
6,000
6,000
6,000
5,000
4,000
4,000
4,000
3,000
3,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
800
800
500
500
500
400
400
300
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,000
1,000
1,000
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
400
400
400
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
Long Lead type
Taping Ammo pack type - style
◆RATED VOLTAGE:630VDC
: Tolerance(J:±5%,K:±10%)  **:Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
630MMB103 **
630MMB123 **
630MMB153 **
630MMB183 **
630MMB223 **
630MMB273 **
630MMB333 **
630MMB393 **
630MMB473 **
630MMB563 **
630MMB683 **
630MMB823 **
630MMB104 **
630MMB124 **
630MMB154 **
630MMB184 **
630MMB224 **
630MMB274 **
630MMB334 **
630MMB394 **
630MMB474 **
630MMB564 **
630MMB684 **
630MMB824 **
630MMB105 **
630MMB125 **
630MMB155 **
630MMB185 **
630MMB225 **
cap(μF)
AB
C
F±1.0 LS±0.5
d
Bag
Carton
AB, D
C
E
12.8
12.8
12.8
12.8
12.8
12.8
12.8
12.8
12.8
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
25.5
25.5
25.5
25.5
25.5
25.5
31.0
31.0
31.0
31.0
31.0
31.0
4.5
5.0
5.3
5.5
5.5
5.5
6.0
6.0
6.5
5.5
6.0
6.0
6.0
6.5
7.0
7.5
8.3
7.0
7.8
8.0
8.8
9.0
10.3
9.8
11.0
12.5
14.0
15.5
17.0
8.0
8.0
8.5
10.0
10.0
10.5
11.0
13.0
13.3
10.3
10.7
11.2
13.0
13.5
14.2
15.0
15.6
14.5
15.0
17.0
18.0
20.0
21.0
20.5
22.0
23.0
24.5
26.0
28.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
22.5
22.5
22.5
27.5
27.5
27.5
27.5
27.5
27.5
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
22.5
22.5
22.5
22.5
22.5
22.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
200
200
200
200
200
200
200
200
200
200
200
100
100
100
100
100
200
200
200
200
200
200
100
100
100
100
50
50
50
6,000
6,000
6,000
5,000
5,000
5,000
5,000
4,000
4,000
4,000
3,000
3,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
800
800
500
500
500
400
400
300
300
1,500
1,500
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
400
400
500
500
500
500
500
400
400
300
S
1,500
1,500
1,500
1,500
1,500
1,500
1,500
500
500
500
500
500
500
S
500
500
500
500
500
500
500
500
500
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
Long Lead type
Taping Ammo pack type - style
METALLIZED POLYESTER FILM CAPACITORS
MMB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com