Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMH Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # MMH
Description  METALLIZED POLYESTER FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MMH Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  MMH Datasheet HTML 1Page - RUBYCON CORPORATION MMH Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆RATED VOLTAGE:450VDC
◆DIMENTIONS AND QUANTITY
◆PERMISSIBLE CURRENT FOR FREQUENCY
: Tolerance(J:±5%,K:±10%)  **:Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
450MMH104 **
450MMH124 **
450MMH154 **
450MMH184 **
450MMH224 **
450MMH274 **
450MMH334 **
450MMH394 **
450MMH474 **
450MMH564 **
450MMH684 **
450MMH824 **
450MMH105 **
450MMH125 **
450MMH155 **
450MMH185 **
450MMH225 **
450MMH275 **
450MMH335 **
450MMH395 **
450MMH475 **
cap(μF)
AB
C
F±1.0 LS±0.5
d
Bag
Carton
AB, D
C
E
10.0
10.0
10.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
6.0
6.5
7.0
6.5
6.5
6.5
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.5
11.5
12.5
14.0
15.5
17.0
19.0
20.5
11.0
12.0
12.0
12.0
11.5
13.5
14.0
15.0
16.0
17.0
17.5
18.5
19.5
21.5
19.5
21.5
22.5
24.0
27.5
29.0
30.5
7.5
7.5
7.5
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
200
200
200
200
200
100
100
100
100
200
200
200
200
200
200
200
100
100
100
100
100
4,000
4,000
4,000
3,000
3,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
800
800
800
500
500
500
500
500
S
TC
TX, TH TL, TJ
TN
TS
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
Long Lead type
Taping Ammo pack type - style
METALLIZED POLYESTER FILM CAPACITORS
MMH
450MMH
6
5
4
9
8
7
3
2
1
0
10
100
1000
Frequency(kHz)
475
335
225
155
105
684
474
334
224
154
104



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com