Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9FG107 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS9FG107
Description  Programmable FTG for Differential CPU, PCI Express & SATA Clocks
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG107 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS9FG107 Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 9Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 10Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 11Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 12Page - Integrated Circuit Systems ICS9FG107 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Integrated
Circuit
Systems, Inc.
ICS9FG107
0863C—11/22/04
I
2C Table: Device Control Register, READ/WRITE ADDRESS (DC/DD)
Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
RW
Pin 27
Bit 6
RW
Pin 5
Bit 5
RW
Pin 44
Bit 4
RW
Pin 7
Bit 3
RW
Off
On
Pin 26
Bit 2
RW
Hardware
Select
Software
Select
0
Bit 1
RW
Driven
Hi-Z
0
Bit 0
RW
Down
Center
Pin 45
Notes:
1. These bits reflect the latched state of the corresponding pins at power up, but may be written to
if Byte 0, bit 2 is set to '1'. FS3 is the SEL14M_25M# pin.
I
2C Table: Output Enable Register
Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
PCICLK0
Output Enable
RW
Stop Low
Enable
1
Bit 6
DIF_6
Output Enable
RW
Disable
Enable
1
Bit 5
DIF_5
Output Enable
RW
Disable
Enable
1
Bit 4
DIF_4
Output Enable
RW
Disable
Enable
1
Bit 3
DIF_3
Output Enable
RW
Disable
Enable
1
Bit 2
DIF_2
Output Enable
RW
Disable
Enable
1
Bit 1
DIF_1
Output Enable
RW
Disable
Enable
1
Bit 0
DIF_0
Output Enable
RW
Disable
Enable
1
I
2C Table: Output Stop Mode Register
Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
PCICLK1
Output Enable
RW
Stop Low
Enable
1
Bit 6
DIF_6
Stop Mode
RW
Free-run
Stop-able
0
Bit 5
DIF_5
Stop Mode
RW
Free-run
Stop-able
0
Bit 4
DIF_4
Stop Mode
RW
Free-run
Stop-able
0
Bit 3
DIF_3
Stop Mode
RW
Free-run
Stop-able
0
Bit 2
DIF_2
Stop Mode
RW
Free-run
Stop-able
0
Bit 1
DIF_1
Stop Mode
RW
Free-run
Stop-able
0
Bit 0
DIF_0
Stop Mode
RW
Free-run
Stop-able
0
44
7
Byte 0
27
5
26
Spread Enable
1
-
Enable Software Control of
Frequency, Spread Enable and
Spread Type
DIF_STOP# drive mode
45
DWNSPRD#
1
Byte 1
8
12,13
17,18
20,21
30,29
33,32
39,38
42,41
Byte 2
9
12,13
17,18
20,21
30,29
33,32
See Frequency
Selection Table, Page 1
FS3
1
FS2
1
FS1
1
FS0
1
39,38
42,41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com