Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250MMB123JTC Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 250MMB123JTC
Description  METALLIZED POLYESTER FILM CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

250MMB123JTC Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  250MMB123JTC Datasheet HTML 1Page - RUBYCON CORPORATION 250MMB123JTC Datasheet HTML 2Page - RUBYCON CORPORATION 250MMB123JTC Datasheet HTML 3Page - RUBYCON CORPORATION 250MMB123JTC Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
Blank
E7
H7
Y7
17
S7
W7
Lead style
Long lead type
Lead forming cut
LS=7.5
Lead forming cut
LS=10.0
Lead forming cut
LS=15.0
Symbol
TC
TX
TL(F=10)
TJ(F≧15)
TH
TN
TS(F≦7.5)
TS(F=10)
Lead style
Lead forming cut
LS=7.5
Style A, Ammo pack
P=12.7 Po=12.7 LS=5.0
Style B, Ammo pack
P=15.0 Po=15.0 LS=5.0
Style C, Ammo pack
P=25.4 Po=12.7 LS=5.0
Lead forming cut
LS=22.5
Style D, Ammo pack
P=15.0 Po=15.0 LS=7.5
Lead forming cut
LS=5.0
Style E, Ammo pack
P=30.0 Po=15.0 LS=7.5
Style S, Ammo pack
P=12.7 Po=12.7
Style S, Ammo pack
P=25.4 Po=12.7
◆OUTLINE
(mm)
◆SPECIFICATIONS
−40℃∼+105℃
±5%(J), ±10%(K)
0.01max at 1kHz
UR×150% 60s
0.33μF≧:9000MΩmin
0.33μF<:3000ΩFmin
JIS C 5101-2, JIS C 5101-1
100VDC, 250VDC, 400VDC, 630VDC
Category temperature
Rated voltage (UR)
Voltage proof
Insulation resistance
Reference standard
Capacitance tolerance
tanδ
(Derate the voltage as shown in the Fig2 at P204 when using the capacitor beyond 85℃.)
◆PART NUMBER
□□□
Rated Voltage
MMB
Series
□□□
Sub mark
□□
Suffix
□□□
Rated capacitance
□
Tolerance
Symbol
100
250
400
630
UR
100VDC
250VDC
400VDC
630VDC
Symbol
J
K
Tolerance
± 5%
±10%
METALLIZED POLYESTER FILM CAPACITORS
MMB
SERIES
MMB
◆FEATURES
• Small and light.
• Reliability is excellent becanse these capacitors provide self-healing.
• Coated with flame-retardant (UL94 V-0) epoxy resin.
• RoHS compliance.
Style A, B, D
Style C,E
Style S
Blank
E7,H7,Y7,17 S7,W7
TS(F≦7.5)
 TS(F=10)


Similar Part No. - 250MMB123JTC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
250MMBA103KH7TX RUBYCON-250MMBA103KH7TX Datasheet
58Kb / 3P
METALLIZED POLYESTER FILM CAPACITORS
250MMBA103KTC RUBYCON-250MMBA103KTC Datasheet
58Kb / 3P
METALLIZED POLYESTER FILM CAPACITORS
250MMBA103ME7TC RUBYCON-250MMBA103ME7TC Datasheet
58Kb / 3P
METALLIZED POLYESTER FILM CAPACITORS
250MMBA103MH7TX RUBYCON-250MMBA103MH7TX Datasheet
58Kb / 3P
METALLIZED POLYESTER FILM CAPACITORS
250MMBA105KE7TC RUBYCON-250MMBA105KE7TC Datasheet
58Kb / 3P
METALLIZED POLYESTER FILM CAPACITORS
More results

Similar Description - 250MMB123JTC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
Metallized polyester film capacitors
2001 Jun 22
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
Metallized polyester film capacitors
logo
EPCOS
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
Metallized Polyester Film Capacitors
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com