Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # MPR
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MPR Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  MPR Datasheet HTML 1Page - RUBYCON CORPORATION MPR Datasheet HTML 2Page - RUBYCON CORPORATION MPR Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
◆RATED VOLTAGE:800Vp-p/1000VDC
◆DIMENTIONS AND QUANTITY
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
800MPR102 **
800MPR122 **
800MPR152 **
800MPR182 **
800MPR222 **
800MPR272 **
800MPR332 **
800MPR392 **
800MPR472 **
800MPR562 **
800MPR682 **
800MPR822 **
800MPR103 **
800MPR123 **
800MPR153 **
800MPR183 **
800MPR223 **
800MPR273 **
800MPR333 **
800MPR393 **
800MPR473 **
800MPR563 **
800MPR683 **
800MPR823 **
800MPR104 **
cap(μF)
AB
C
F±1.25 LS±0.5
d
Bag
Carton
A
B, D
C
E
15.5
15.5
15.5
15.5
15.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
23.5
23.5
23.5
23.5
23.5
23.5
23.5
6.5
7.0
6.5
7.0
7.0
6.5
6.5
7.0
7.5
6.5
7.0
7.5
8.0
8.5
7.0
7.5
7.5
8.0
7.0
7.0
7.5
8.0
9.0
9.5
10.0
11.0
11.5
11.0
11.5
11.5
11.0
11.5
11.5
12.5
12.0
12.0
12.5
13.0
14.0
12.5
13.0
14.5
15.0
13.5
14.0
14.5
15.0
17.5
18.0
19.0
12.5
12.5
12.5
12.5
12.5
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
200
100
100
100
100
100
100
100
100
100
100
100
100
200
100
100
100
200
50
50
50
50
200
200
200
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
2,000
2,000
1,500
2,000
2,000
2,000
1,500
1,500
1,500
1,500
1,000
1,000
800
800
500
500
500
500
500
500
500
500
500
500
500
500
400
400
400
400
400
400
500
500
500
500
500
500
500
400
400
400
400
400
400
400
400
400
400
400
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
Long Lead type
Taping Ammo pack type - style
: Tolerance(H:±3%,J:±5%,K:±10%)  **:Suffix
※ For capacitance values of E-24 series, consult our sales office.
◆RATED VOLTAGE:1000Vp-p/1250VDC
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
101MPR102 **
101MPR122 **
101MPR152 **
101MPR182 **
101MPR222 **
101MPR272 **
101MPR332 **
101MPR392 **
101MPR472 **
101MPR562 **
101MPR682 **
101MPR822 **
101MPR103 **
101MPR123 **
101MPR153 **
101MPR183 **
101MPR223 **
101MPR273 **
101MPR333 **
101MPR393 **
101MPR473 **
101MPR563 **
101MPR683 **
101MPR823 **
101MPR104 **
cap(μF)
AB
C
F±1.25 LS±0.5
d
Bag
Carton
A
B, D
C
E
15.5
15.5
15.5
15.5
15.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
23.5
23.5
23.5
23.5
23.5
23.5
23.5
23.5
6.5
7.0
6.5
7.0
7.0
6.5
6.5
7.0
7.5
6.5
7.0
7.5
8.0
8.5
9.5
10.0
10.0
8.0
9.0
9.5
10.5
11.5
12.0
13.0
14.5
11.0
11.5
11.0
11.5
11.5
11.0
11.5
11.5
12.5
12.0
12.0
12.5
13.0
14.0
14.5
15.5
17.0
15.0
16.0
16.5
17.5
18.5
21.0
22.0
24.0
12.5
12.5
12.5
12.5
12.5
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
200
100
100
100
100
100
100
100
100
100
100
100
100
100
50
50
50
50
200
200
200
200
100
100
100
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
2,000
2,000
1,500
1,500
1,000
1,000
1,000
1,000
1,000
800
800
800
500
500
S
S
500
500
500
500
500
500
500
500
500
500
500
500
400
400
400
300
300
500
500
500
400
400
400
400
400
400
400
400
400
400
300
300
300
300
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
Long Lead type
Taping Ammo pack type - style
: Tolerance(H:±3%,J:±5%,K:±10%)  **:Suffix
※For capacitance values of E-24 series, consult our sales office.
METALLIZED POLYPROPYLENE FILM CAPACITORS MPR
TC
TX, TH TL, TJ
TN
TS
TC
TX, TH TL, TJ
TN
TS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com