Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9351 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC9351
Description  Low Voltage PLL Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9351 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC9351 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC9351 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MPC9351
TIMING SOLUTIONS
11
MOTOROLA
OUTLINE DIMENSIONS
FA SUFFIX
LQFP PACKAGE
CASE 873A-02
ISSUE A
DETAIL Y
A
S1
V
B
1
8
9
17
25
32
AE
AE
P
DETAIL Y
BASE
N
J
D
F
METAL
SECTION AE–AE
G
SEATING
PLANE
R
Q
_
W
K
X
E
C
H
DETAIL AD
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DATUM PLANE –AB– IS LOCATED AT BOTTOM
OF LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
4. DATUMS –T–, –U–, AND –Z– TO BE DETERMINED
AT DATUM PLANE –AB–.
5. DIMENSIONS S AND V TO BE DETERMINED AT
SEATING PLANE –AC–.
6. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.250 (0.010) PER SIDE. DIMENSIONS A AND B
DO INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE –AB–.
7. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. DAMBAR PROTRUSION SHALL
NOT CAUSE THE D DIMENSION TO EXCEED
0.520 (0.020).
8. MINIMUM SOLDER PLATE THICKNESS SHALL BE
0.0076 (0.0003).
9. EXACT SHAPE OF EACH CORNER MAY VARY
FROM DEPICTION.
DIM
A
MIN
MAX
MIN
MAX
INCHES
7.000 BSC
0.276 BSC
MILLIMETERS
B
7.000 BSC
0.276 BSC
C
1.400
1.600
0.055
0.063
D
0.300
0.450
0.012
0.018
E
1.350
1.450
0.053
0.057
F
0.300
0.400
0.012
0.016
G
0.800 BSC
0.031 BSC
H
0.050
0.150
0.002
0.006
J
0.090
0.200
0.004
0.008
K
0.500
0.700
0.020
0.028
M
12 REF
12 REF
N
0.090
0.160
0.004
0.006
P
0.400 BSC
0.016 BSC
Q
1
5
1
5
R
0.150
0.250
0.006
0.010
V
9.000 BSC
0.354 BSC
V1
4.500 BSC
0.177 BSC
__
__
_
_
DETAIL AD
A1
B1
V1
4X
S
4X
B1
3.500 BSC
0.138 BSC
A1
3.500 BSC
0.138 BSC
S
9.000 BSC
0.354 BSC
S1
4.500 BSC
0.177 BSC
W
0.200 REF
0.008 REF
X
1.000 REF
0.039 REF
9
–T–
–Z–
–U–
T–U
0.20 (0.008)
Z
AC
T–U
0.20 (0.008)
Z
AB
0.10 (0.004) AC
–AC–
–AB–
M
_
8X
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com