Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS5 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MS5
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MS5 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MS5 Datasheet HTML 1Page - RUBYCON CORPORATION MS5 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
MS5
SERIES
MS5
MS5
◆規格表 SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency coefficient
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
mpedance Ratio(MAX)
Items
Characteristics
−40∼+85℃
4∼50V.DC
±20%(20℃,120Hz)
I
=0.01CV or 3μA whichever is greater.       
(After 2 minutes application of rated voltage)
I
Leakage Current(μA)     C=Rated Capacitance(μF)     V=Rated Voltage(V)
Rated Voltage
(V)
tanδ
0.35
4
0.26
6.3
0.22
10
0.18
16
0.16
25
0.14
35
0.12
50
Rated Voltage
(V)
Z(−40℃)/Z(20℃)
Z(−25℃)/Z(20℃)
15
4
12
6.3
10
10
8
16
6
25
4
35
4
7644322
50
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 1000 hrs at 85℃, the capacitors shall meet the following requirements.
85℃ 5mm Height.
◆FEATURES
RoHS compliance.
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k≦
0.50
1.0
1.20
1.30
1.50
0.65
0.1∼1μF
1.5∼6.8μF
1.0
1.20
1.30
1.50
0.8
10∼68μF
1.0
1.20
1.30
1.50
0.8
100∼470μF
1.0
1.10
1.15
1.20
(20℃,120Hz)
(120Hz)
MH5
105℃ Version
◆PART NUMBER
□□□
Rated Voltage
MS5
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Rated Capacitance
Capacitance Tolerance


Similar Part No. - MS5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS5 ETC1-MS5 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
logo
Bel Fuse Inc.
MS5 BEL-MS5 Datasheet
385Kb / 2P
Slow Blow Micro Fuse
MS5 BEL-MS5 Datasheet
1Mb / 4P
TYPE MS SLOW BLOW MICRO FUSE
logo
Laird Tech Smart Techno...
MS5 LSTD-MS5 Datasheet
536Kb / 2P
Precise temperature control
logo
List of Unclassifed Man...
MS50 ETC1-MS50 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
More results

Similar Description - MS5

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com