Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF22N60M6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF22N60M6
Description  N-channel 600 V, 196 m typ., 15 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF22N60M6 Datasheet(HTML) 1 Page - STMicroelectronics

  STF22N60M6 Datasheet HTML 1Page - STMicroelectronics STF22N60M6 Datasheet HTML 2Page - STMicroelectronics STF22N60M6 Datasheet HTML 3Page - STMicroelectronics STF22N60M6 Datasheet HTML 4Page - STMicroelectronics STF22N60M6 Datasheet HTML 5Page - STMicroelectronics STF22N60M6 Datasheet HTML 6Page - STMicroelectronics STF22N60M6 Datasheet HTML 7Page - STMicroelectronics STF22N60M6 Datasheet HTML 8Page - STMicroelectronics STF22N60M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TO-220FP
1
2
3
AM15572v1_no_tab
D(2)
G(1)
S(3)
Features
Order code
VDS
RDS(on) max.
ID
STF22N60M6
600 V
230 mΩ
15 A
•
Reduced switching losses
•
Lower RDS(on) per area vs previous generation
•
Low gate input resistance
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
•
LLC converters
•
Boost PFC converters
Description
The new MDmesh™ M6 technology incorporates the most recent advancements to
the well-known and consolidated MDmesh family of SJ MOSFETs.
STMicroelectronics builds on the previous generation of MDmesh devices through its
new M6 technology, which combines excellent RDS(on) per area improvement with
one of the most effective switching behaviors available, as well as a user-friendly
experience for maximum end-application efficiency.
Product status link
STF22N60M6
Product summary
Order code
STF22N60M6
Marking
22N60M6
Package
TO-220FP
Packing
Tube
N-channel 600 V, 196 mΩ typ., 15 A, MDmesh™ M6 Power MOSFET
in a TO-220FP package
STF22N60M6
Datasheet
DS12823 - Rev 1 - November 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STF22N60M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF22N60DM6 STMICROELECTRONICS-STF22N60DM6 Datasheet
266Kb / 12P
N-channel 600 V, 200 m typ., 15 A, MDmesh DM6 Power MOSFET in a TO‑220FP package
15-Sep-2020
More results

Similar Description - STF22N60M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP22N60M6 STMICROELECTRONICS-STP22N60M6 Datasheet
452Kb / 13P
N-channel 600 V, 196 m typ., 15 A, MDmesh™ M6 Power MOSFET in a TO-220 package
November 2018 Rev 1
STP24N60M6 STMICROELECTRONICS-STP24N60M6 Datasheet
268Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in a TO-220 package
01-Aug-2018
STP33N60M6 STMICROELECTRONICS-STP33N60M6 Datasheet
256Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220 package
July 2018 Rev 2
STF22N60DM6 STMICROELECTRONICS-STF22N60DM6 Datasheet
266Kb / 12P
N-channel 600 V, 200 m typ., 15 A, MDmesh DM6 Power MOSFET in a TO‑220FP package
15-Sep-2020
STF33N60M6 STMICROELECTRONICS-STF33N60M6 Datasheet
255Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
18-Jul-2018
STF46N60M6 STMICROELECTRONICS-STF46N60M6 Datasheet
456Kb / 12P
N-channel 600 V, 68 mΩ typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220FP package
20-Nov-2019
STFH10N60M6 STMICROELECTRONICS-STFH10N60M6 Datasheet
552Kb / 12P
N-channel 600 V, 520 m typ., 6.4 A MDmesh M6 Power MOSFET in a TO-220FP wide creepage package
30-May-2019
STB22N60M6 STMICROELECTRONICS-STB22N60M6 Datasheet
631Kb / 16P
N-channel 600 V, 196 mΩ typ., 15 A, MDmesh™ M6 Power MOSFET in a D2PAK package
16-Nov-2018
STF18N60M6 STMICROELECTRONICS-STF18N60M6 Datasheet
451Kb / 13P
N-channel 600 V, 230 mΩ typ., 13 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
15-Nov-2018
STF5N65M6 STMICROELECTRONICS-STF5N65M6 Datasheet
700Kb / 13P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a TO-220FP package
05-May-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com