Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF35N65DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF35N65DM2
Description  N-channel 650 V, 0.093 typ., 32 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF35N65DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STF35N65DM2 Datasheet HTML 1Page - STMicroelectronics STF35N65DM2 Datasheet HTML 2Page - STMicroelectronics STF35N65DM2 Datasheet HTML 3Page - STMicroelectronics STF35N65DM2 Datasheet HTML 4Page - STMicroelectronics STF35N65DM2 Datasheet HTML 5Page - STMicroelectronics STF35N65DM2 Datasheet HTML 6Page - STMicroelectronics STF35N65DM2 Datasheet HTML 7Page - STMicroelectronics STF35N65DM2 Datasheet HTML 8Page - STMicroelectronics STF35N65DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
December 2017
DocID030873 Rev 2
1/13
This is information on a product in full production.
www.st.com
STF35N65DM2
N-
channel 650 V, 0.093 Ω typ., 32 A MDmesh™ DM2
Power MOSFET in a TO-220FP package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STF35N65DM2
650 V
0.110 Ω
32 A
40 W
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high voltage N-channel Power MOSFET is
part
of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STF35N65DM2
35N65DM2
TO-220FP
Tube
TO-220FP
AM15572v1_no_tab
D(2)
G(1)
S(3)


Similar Part No. - STF35N65DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF35N65M5 STMICROELECTRONICS-STF35N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.085 廓, 27 A, MDmesh??V Power MOSFET in D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
06-Oct-2011
logo
Inchange Semiconductor ...
STF35N65M5 ISC-STF35N65M5 Datasheet
292Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF35N65DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF40N65M2 STMICROELECTRONICS-STF40N65M2 Datasheet
441Kb / 13P
N-channel 650 V, 0.087 Ω typ., 32 A MDmesh™ M2 Power MOSFET in a TO-220FP package
09-Feb-2014
STF43N60DM2 STMICROELECTRONICS-STF43N60DM2 Datasheet
418Kb / 13P
N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
01-Jul-2015
STF11N60DM2 STMICROELECTRONICS-STF11N60DM2 Datasheet
713Kb / 12P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220FP package
17-Jun-2016
STP35N65DM2 STMICROELECTRONICS-STP35N65DM2 Datasheet
709Kb / 13P
N-channel 650 V, 0.093 typ., 32 A MDmesh™ DM2 Power MOSFET in a TO-220 package
06-Dec-2017
STW35N65DM2 STMICROELECTRONICS-STW35N65DM2 Datasheet
262Kb / 12P
N-channel 650 V, 93 m typ., 32 A MDmesh DM2 Power MOSFET in a TO-247 package
31-Aug-2020
STF18N60DM2 STMICROELECTRONICS-STF18N60DM2 Datasheet
456Kb / 12P
N-channel 600 V, 0.260 typ., 12 A MDmesh DM2 Power MOSFET in a TO-220FP package
10-Jun-2019
STF18N65DM2 STMICROELECTRONICS-STF18N65DM2 Datasheet
234Kb / 12P
N-channel 650 V, 231 m typ., 12 A, MDmesh DM2 Power MOSFET in a TO-220FP package
10-May-2021
STF26N65DM2 STMICROELECTRONICS-STF26N65DM2 Datasheet
271Kb / 13P
N-channel 650 V, 0.156 typ., 20 A, MDmesh™ DM2 Power MOSFET in a TO-220FP package
July 2018 Rev 2
STF6N60DM2 STMICROELECTRONICS-STF6N60DM2 Datasheet
298Kb / 12P
N-channel 600 V, 0.95 typ., 5 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
16-Mar-2020
STF33N60DM2 STMICROELECTRONICS-STF33N60DM2 Datasheet
709Kb / 13P
N-channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2 Power MOSFET in TO-220FP package
05-Jul-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com