Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF46N60M6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF46N60M6
Description  N-channel 600 V, 68 mΩ typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220FP package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF46N60M6 Datasheet(HTML) 4 Page - STMicroelectronics

  STF46N60M6 Datasheet HTML 1Page - STMicroelectronics STF46N60M6 Datasheet HTML 2Page - STMicroelectronics STF46N60M6 Datasheet HTML 3Page - STMicroelectronics STF46N60M6 Datasheet HTML 4Page - STMicroelectronics STF46N60M6 Datasheet HTML 5Page - STMicroelectronics STF46N60M6 Datasheet HTML 6Page - STMicroelectronics STF46N60M6 Datasheet HTML 7Page - STMicroelectronics STF46N60M6 Datasheet HTML 8Page - STMicroelectronics STF46N60M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Table 7. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD (1)
Source-drain current
-
36
A
ISDM (2)
Source-drain current (pulsed)
-
126
A
VSD (3)
Forward on voltage
ISD = 36 A, VGS = 0 V
-
1.6
V
trr
Reverse recovery time
ISD = 36 A, di/dt = 100 A/µs,
VDD = 60 V
(see Figure 15. Test circuit for
inductive load switching and diode
recovery times)
-
267
ns
Qrr
Reverse recovery charge
-
2.8
µC
IRRM
Reverse recovery current
-
20.8
A
trr
Reverse recovery time
ISD = 36 A, di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C
(see Figure 15. Test circuit for
inductive load switching and diode
recovery times)
-
440
ns
Qrr
Reverse recovery charge
-
5.8
µC
IRRM
Reverse recovery current
-
26.4
A
1. Limited by maximum junction temperature.
2. Pulse width is limited by safe operating area.
3. Pulsed: pulse duration = 300 µs, duty cycle 1.5%
STF46N60M6
Electrical characteristics
DS13019 - Rev 2
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com