Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12010LAS Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12010LAS
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010LAS Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTH12010LAS Datasheet HTML 9Page - Texas Instruments PTH12010LAS Datasheet HTML 10Page - Texas Instruments PTH12010LAS Datasheet HTML 11Page - Texas Instruments PTH12010LAS Datasheet HTML 12Page - Texas Instruments PTH12010LAS Datasheet HTML 13Page - Texas Instruments PTH12010LAS Datasheet HTML 14Page - Texas Instruments PTH12010LAS Datasheet HTML 15Page - Texas Instruments PTH12010LAS Datasheet HTML 16Page - Texas Instruments PTH12010LAS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
www.ti.com
PTH12010W, PTH12010L
SLTS205E–JUNE 2003–REVISED APRIL 2006
pins 4 and 7 using dedicated PCB traces.
2. Never connect capacitors from VO Adjust to either GND or VO. Any capacitance added to the VO Adjust pin
affects the stability of the regulator.
Table 4. Output Voltage Set-Point Resistor Values
PTH12010W
PTH12010L
VO
RSET
VO
RSET
VO
RSET
1.2
Open
2.7
3.51 kΩ
0.8
Open
1.225
318 kΩ
2.75
3.34 kΩ
0.825
312 kΩ
1.25
158 kΩ
2.8
3.18 kΩ
0.85
152 kΩ
1.275
105 kΩ
2.85
3.03 kΩ
0.875
98.8 kΩ
1.3
78.2 kΩ
2.9
2.89 kΩ
0.9
72.1 kΩ
1.325
62.2 kΩ
2.95
2.75 kΩ
0.925
56.1 kΩ
1.35
51.5 kΩ
32.62 kΩ
0.95
45.5 kΩ
1.375
43.9 kΩ
3.05
2.5 kΩ
0.975
37.8 kΩ
1.4
38.2 kΩ
3.1
2.39 kΩ
1
32.1 kΩ
1.425
33.7 kΩ
3.15
2.28 kΩ
1.025
27.7 kΩ
1.45
30.2 kΩ
3.2
2.18 kΩ
1.05
24.1 kΩ
1.475
27.3 kΩ
3.25
2.08 kΩ
1.075
21.2 kΩ
1.5
24.8 kΩ
3.3
1.99 kΩ
1.1
18.8 kΩ
1.55
21 kΩ
3.35
1.90 kΩ
1.125
16.7 kΩ
1.6
18.2 kΩ
3.4
1.82 kΩ
1.15
15 kΩ
1.65
16 kΩ
3.5
1.66 kΩ
1.175
13.5 kΩ
1.7
14.2 kΩ
3.6
1.51 kΩ
1.2
12.1 kΩ
1.75
12.7 kΩ
3.7
1.38 kΩ
1.225
11 kΩ
1.8
11.5 kΩ
3.8
1.26 kΩ
1.25
9.91 kΩ
1.85
10.5 kΩ
3.9
1.14 kΩ
1.275
8.97 kΩ
1.9
9.61 kΩ
41.04 kΩ
1.3
8.13 kΩ
1.95
8.85 kΩ
4.1
939 Ω
1.325
7.37 kΩ
28.18 kΩ
4.2
847 Ω
1.35
6.68 kΩ
2.05
7.59 kΩ
4.3
761 Ω
1.375
6.04 kΩ
2.1
7.07 kΩ
4.4
680 Ω
1.4
5.46 kΩ
2.15
6.6 kΩ
4.5
604 Ω
1.425
4.93 kΩ
2.2
6.18 kΩ
4.6
533 Ω
1.45
4.44 kΩ
2.25
5.80 kΩ
4.7
466 Ω
1.475
3.98 kΩ
2.3
5.45 kΩ
4.8
402 Ω
1.5
3.56 kΩ
2.35
5.14 kΩ
4.9
342 Ω
1.55
2.8 kΩ
2.4
4.85 kΩ
5
285 Ω
1.6
2.13 kΩ
2.45
4.58 kΩ
5.1
231 Ω
1.65
1.54 kΩ
2.5
4.33 kΩ
5.2
180 Ω
1.7
1.02 kΩ
2.55
4.11 kΩ
5.3
131 Ω
1.75
551 Ω
2.6
3.89 kΩ
5.4
85 Ω
1.8
130 Ω
2.65
3.70kΩ
5.5
41 Ω
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com