Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STO67N60DM6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STO67N60DM6
Description  N-channel 600 V, 48 m typ., 58 A MDmesh DM6 Power MOSFET in a TO‑LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STO67N60DM6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STO67N60DM6 Datasheet HTML 7Page - STMicroelectronics STO67N60DM6 Datasheet HTML 8Page - STMicroelectronics STO67N60DM6 Datasheet HTML 9Page - STMicroelectronics STO67N60DM6 Datasheet HTML 10Page - STMicroelectronics STO67N60DM6 Datasheet HTML 11Page - STMicroelectronics STO67N60DM6 Datasheet HTML 12Page - STMicroelectronics STO67N60DM6 Datasheet HTML 13Page - STMicroelectronics STO67N60DM6 Datasheet HTML 14Page - STMicroelectronics STO67N60DM6 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Revision history
Table 9. Document revision history
Date
Revision
Changes
03-Feb-2020
1
First release.
20-Mar-2020
2
Updated title of the document, section Features, Table 1. Absolute maximum ratings, Table 4.
On /off-states and Table 7. Source-drain diode.
28-Jul-2020
3
Updated Table 1. Absolute maximum ratings. Added Section 4.2 TO-LL packing information.
30-Apr-2021
4
Updated title and Device summary in cover page.
Updated Section 4 Package information.
Minor text changes.
08-Jun-2021
5
Modified features and ID value on cover page.
Modified Table 1. Absolute maximum ratings, Table 2. Thermal data, Table 4. On /off-states
and Table 7. Source-drain diode.
Modified Figure 1. Safe operating area, Figure 2. Maximum transient thermal impedance,
Figure 6. Typical drain-source on-resistance and Figure 12. Typical reverse diode forward
characteristics.
Minor text changes.
STO67N60DM6
DS13219 - Rev 5
page 13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com