Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC378 Datasheet(PDF) 1 Page - Picker Components

Part # PC378
Description  Low Profile Minature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC378 Datasheet(HTML) 1 Page - Picker Components

  PC378 Datasheet HTML 1Page - Picker Components PC378 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Profile Minature PCB Power Relay
FEATURES
8 Amp contact capacity
1 Form A and 1 form C contact forms available
8 mm creepage distance between coil and contacts
5 KV dielectric strength between coil and contacts
Low profile design, .48 in. tall
Meets UL 873 spacing
PC378
Contact Form
Rated Load
Max Switching Power
8 A @ 250 VAC, 5A @ 30 VDC
UL/CUR RATINGS
CHARACTERISTICS
Operate Time
7 ms. Max.
Release Time
Insulation Resistance
3 ms. Max.
1,000 megohms min, at 500VDC, 50%RH
Dielectric Strength
5000 Vrms, 1 min. between coil and contacts
1000 Vrms, 1 min. between open contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 2 mm, 10-50 Hz
Power Consumption
.25 Watts
Ambient Temperature Range
-40 to 85 C, -40 to 130 C storage
Weight
8.2 grams approx.
2000 VA / 150 W
440 VAC / 125 VDC
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC378 Rev B 4-5-04
PAGE 1
ORDERING INFORMATION
Example:
PC378
Model
S
Contact Material
-1C
Coil Voltage
C
C: AgCdO
Contact Form
1A or 1C
Sealed, immersion cleanable
Enclosure
S: Sealed; C: Dust Cover
-12
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide)
100 milliohms max @ 1A, 6VDC
1 X 107
1 X 105
Operations
Operations
File # E86876
All Conttacts
All Forms
Max. Switching Current
10 Amps
Max Switching Voltage
T: AgSnO
GC: Gold Plated AgCdO
GT: Gold Plated AgSnO


Similar Part No. - PC378

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC378 PICKER-PC378 Datasheet
171Kb / 2P
Low Profile Minature PCB Power Relay
PC378 PICKER-PC378_14 Datasheet
171Kb / 2P
Low Profile Minature PCB Power Relay
PC378 PICKER-PC378_17 Datasheet
396Kb / 2P
Low Profile Miniature PCB Power Relay
More results

Similar Description - PC378

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC354 PICKER-PC354 Datasheet
169Kb / 2P
25 Amp Minature PCB Power Relay
PC375 PICKER-PC375 Datasheet
173Kb / 2P
Low Profile Minature PCB Power Relay
PC466 PICKER-PC466 Datasheet
194Kb / 2P
Ultra Slim Minature PCB Power Relay
PC379 PICKER-PC379 Datasheet
178Kb / 2P
20 Amp Minature PCB Power Relay
PC384 PICKER-PC384 Datasheet
174Kb / 2P
10 Amp Minature PCB Power Relay
logo
Tyco Electronics
REL MACOM-REL Datasheet
148Kb / 2P
Minature PCB Relay
logo
Picker Components
PC354 PICKER-PC354_14 Datasheet
183Kb / 2P
25 AMP Minature PCB Power Relay
PC375 PICKER-PC375_14 Datasheet
159Kb / 2P
Low Profile Minature PCB Power Relay
PC378 PICKER-PC378_14 Datasheet
171Kb / 2P
Low Profile Minature PCB Power Relay
PC375 PICKER-PC375_15 Datasheet
211Kb / 2P
Low Profile Minature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com