Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12010WAS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12010WAS
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010WAS Datasheet(HTML) 3 Page - Texas Instruments

  PTH12010WAS Datasheet HTML 1Page - Texas Instruments PTH12010WAS Datasheet HTML 2Page - Texas Instruments PTH12010WAS Datasheet HTML 3Page - Texas Instruments PTH12010WAS Datasheet HTML 4Page - Texas Instruments PTH12010WAS Datasheet HTML 5Page - Texas Instruments PTH12010WAS Datasheet HTML 6Page - Texas Instruments PTH12010WAS Datasheet HTML 7Page - Texas Instruments PTH12010WAS Datasheet HTML 8Page - Texas Instruments PTH12010WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTH12010W, PTH12010L
SLTS205E–JUNE 2003–REVISED APRIL 2006
TA =25°C, Vi =12V,VO = 3.3 V, Ci = 560 µF, CO =0 µF, and IO =IO max (Unless otherwise stated)
PTH12010W
CHARACTERISTICS
CONDITIONS
MIN
TYP
MAX
UNIT
60 °C, 200 LFM airflow
0
12(3)
Io
Output current
1.2 V ≤ Vo≤ 5.5 V
A
25 °C, natural convection
0
12(1)
VI
Input voltage range
Over Io range
10.8
13.2
V
Vo tol
Set-point voltage tolerance
±2(4)
%Vo
Regtemp Temperature variation
–40 °C < TA <85 °C±0.5
%Vo
Regline Line regulation
Over VI range
±10
mV
Regload Load regulation
Over Io range
±12
mV
Regtot
Total output variation
Includes set-point, line, load,
±3(2)
%Vo
–40 °C ≤ TA ≤ 85 °C
Vadj
Output voltage adjust range
Over VI range
1.2
5.5
V
RSET = 280 Ω,Vo =5V
94
RSET =2.0 kΩ,Vo =3.3 V
93
RSET =4.32kΩ,Vo =2.5 V
91
η
Efficiency
IO =8A
%
RSET = 11.5 kΩ,Vo =1.8 V
89
RSET = 24.3 kΩ,Vo =1.5 V
88
RSET = OPEN, Vo =1.2 V
86
Vo ≤ 2.5 V
25
mVpp
Vr
VO ripple (peak-to-peak)
20-MHz bandwidth
Vo ≤ 2.5 V
1
% VO
Io trip
Overcurrent threshold
Reset, followed by auto-recovery
20
A
1 A/µs load step, 50 to 100 % Iomax,
CO = 330 µF
Transient response
ttr
Recovery Time
70
µSec
Vtr
Vo over/undershoot
100
mV
Vo adj
Margin up/down adjust
±5
%
IIL
–8(5)
µA
Margin input current (pins 9 /10)
Pin to GND
margin
IIL track
Track input current (pin 8)
Pin to GND
–0.13(6)
mA
dVtrack/dt Track slew rate capability
CO≤ CO(max)
1
V/ms
Vi increasing
9.5
10.4
UVLO
Undervoltage lockout
V
Vi decreasing
8.8
9
Inhibit control (pin3)
VIH
Input high voltage
Referenced to GND
VI– 0.5
Open(4)
V
VIL
Input low voltage
–0.2
0.5
IIL inhibit Input low current
Pin to GND
0.24
mA
Iin inh
Input standby current
Inhibit (pin 3) to GND, Track (pin 8) open
10
mA
fs
Switching frequency
Over Vi and Io ranges
300
350
400
kHz
Ci
External input capacitance
560(7)
µF
(3) See SOA curves or consult factory for appropriate derating.
(4) The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1%, with 100 ppm/°C (or better) temperature stability.
(5) A small, low-leakage (<100 nA) MOSFET is recommended to control this pin. The open-circuit voltage is less than 1 Vdc.
(6) This control pin has an internal pull-up to the input voltage VI (7.5 V for pin 8). If it is left open-circuit the module operates when input
power is applied. A small, low-leakage (<100 nA) MOSFET or open-drain/collector voltage supervisor IC is recommended for control. Do
not place an external pull-up on this pin. For further information, see the related application section.
(7) A 560 µF electrolytic input capacitor is required for proper operation. The capacitor must be rated for a minimum of 800 mA rms of ripple
current.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com