Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPA7009-2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADPA7009-2
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009-2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPA7009-2 Datasheet HTML 10Page - Analog Devices ADPA7009-2 Datasheet HTML 11Page - Analog Devices ADPA7009-2 Datasheet HTML 12Page - Analog Devices ADPA7009-2 Datasheet HTML 13Page - Analog Devices ADPA7009-2 Datasheet HTML 14Page - Analog Devices ADPA7009-2 Datasheet HTML 15Page - Analog Devices ADPA7009-2 Datasheet HTML 16Page - Analog Devices ADPA7009-2 Datasheet HTML 17Page - Analog Devices ADPA7009-2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Data Sheet
ADPA7009-2
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 14 of 24
Figure 46. IDQ vs. Gate Voltage for Various Temperatures, VDD = 5 V
Figure 47. Detector Voltage (VREF – VDET) vs. POUT for Various Temperatures,
36 GHz, VDD = 5 V, IDQ = 850 mA
Figure 48. VREF – VDET vs. POUT for Various Frequencies,
VDD = 5 V, IDQ = 850 mA
Figure 49. VGGX Current (IGGx) vs. PIN for Various Temperatures, 36 GHz,
VDD = 5 V, IDQ = 850 mA
Figure 50. VREF – VDET vs. Frequency for Various POUT Values,
VDD = 5 V, IDQ = 850 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com