Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0AFG Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0AFG
Description  240V, BS88‐4 Semiconductor Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0AFG Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0AFG Datasheet HTML 1Page - Bel Fuse Inc. 0AFG Datasheet HTML 2Page - Bel Fuse Inc. 0AFG Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type 0AFG
240V, BS88
‐4 Semiconductor Fuse
belfuse.com/circuit-protection
0AFG Series
RoHS Compliant
Description
BS88
‐4 style stud‐mount Fuse
Features
- High speed semi
‐conductor fuse
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
Applications
Supplementary protection in appliance
AC/DC, DC/DC module for EV/EV charging
Physical Specifications
Ratings
Electrical Characteristics
Total Cleaning I²t
Arc Voltage
Power Loss
The total clearing I²t at rated voltage and at
power factor of 15% are given in the
electrical characteristics. For other voltages,
the clearing I²t is found by multiplying by
correction factor, K, given as a function of
applied working voltage, Eg, (rms).
This curve gives the peak arc voltage, UL,
which may appear across the fuse during its
operation as a function of the applied
working voltage, Eg, (rms) at a power factor
of 15%.
Watts loss at rated current is given in the
electrical characteristics. The curve allows
the calculation of the power losses at load
currents lower than the rated current. The
correction factor, Kp, is given as a function
of the RMS load current, Ib, in % of the
rated current.
Materials
Body : Ceramic
Terminals : Tin Plated Copper
Marking
On Fuse :
“bel”,“0AFGX”,”Voltage Rating“,
“Current Rating ”,”Interrupting Rating”
On Label :
"bel", "0AFGX
”, "Current Rating", "Voltage Rating", "Interrupting Rating"
and "
", "
"(China RoHS compliant).
Ampere Rating / Voltage Rating
Ampere Range / Volt
@ I.R. ability*
25A -180A / 240V AC
25A -180A / 150V DC
25A - 180A / 240V @ 50kA AC
/ 150V @ 10kA DC
*I.R.= Interrupting Rating = Short Circuit Rating(Amps)
Specifications subject to change without notice


Similar Part No. - 0AFG

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0AFG BEL-0AFG Datasheet
485Kb / 3P
240V, BS88‐4 Semiconductor Fuse
May2023
0AFGX9250SXX BEL-0AFGX9250SXX Datasheet
485Kb / 3P
240V, BS88‐4 Semiconductor Fuse
May2023
0AFGX9500SXX BEL-0AFGX9500SXX Datasheet
485Kb / 3P
240V, BS88‐4 Semiconductor Fuse
May2023
0AFGX9800SXX BEL-0AFGX9800SXX Datasheet
485Kb / 3P
240V, BS88‐4 Semiconductor Fuse
May2023
0AFGXK100SXX BEL-0AFGXK100SXX Datasheet
485Kb / 3P
240V, BS88‐4 Semiconductor Fuse
May2023
More results

Similar Description - 0AFG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1LS101 LITTELFUSE-1LS101 Datasheet
497Kb / 3P
Semiconductor Fuse Blocks
logo
Cooper Bussmann, Inc.
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
BS88 Joint Service Fuse Links
logo
List of Unclassifed Man...
SLA120 ETC2-SLA120 Datasheet
37Kb / 1P
Solid Links for BS88 Type Fuse Carriers
logo
Cooper Bussmann, Inc.
NSD2 COOPER-NSD2_15 Datasheet
81Kb / 4P
NSD BS88 Offset blade tags
GF710 COOPER-GF710_15 Datasheet
152Kb / 3P
GF BS88 Centre bolted tags
FG450 COOPER-FG450_15 Datasheet
83Kb / 3P
FG BS88 Centre bolted tags fuse links
FF450 COOPER-FF450 Datasheet
155Kb / 3P
FF BS88 Centre bolted tags
RS20H COOPER-RS20H Datasheet
1Mb / 8P
Finger-safe Fuse Holders for BS88 HRC Industrial Fuses
logo
Clairex Technologies, I...
FWP-5B CLAIREX-FWP-5B Datasheet
34Kb / 2P
Semiconductor Fuse
logo
Eaton All Rights Reserv...
RS20H EATON-RS20H Datasheet
2Mb / 8P
Red Spot fuse holders for BS88 HRC industrial fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com