Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4544 Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # 2SC4544
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4544 Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button 2SC4544 Datasheet HTML 22Page - Toshiba Semiconductor 2SC4544 Datasheet HTML 23Page - Toshiba Semiconductor 2SC4544 Datasheet HTML 24Page - Toshiba Semiconductor 2SC4544 Datasheet HTML 25Page - Toshiba Semiconductor 2SC4544 Datasheet HTML 26Page - Toshiba Semiconductor 2SC4544 Datasheet HTML 27Page - Toshiba Semiconductor 2SC4544 Datasheet HTML 28Page - Toshiba Semiconductor 2SC4544 Datasheet HTML 29Page - Toshiba Semiconductor 2SC4544 Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 126 page
background image
– 26 –
Item
NO
Description
10
Adjust NTSC S.Live
Used for manual adjustment of the NTSC Super Live screen.
Select this mode for Super Live screen color matching and distortion adjustment.
Use the specified dimensions when adjusting.
11
Adjust NTSC Cinema
Used for manual adjustment of the NTSC Cinema screen.
Select this mode for Cinema screen color matching and distortion adjustment.
Use the specified dimensions when adjusting.
12
Adjust NTSC S.title
Used for manual adjustment of the NTSC Subtitle screen.
Select this mode for Subtitle screen color matching and distortion adjustment.
Use the specified dimensions when adjusting.
3) Adjustment Sequence
When the initial screen opens, X = 1, Y = 1, C = R and S = [Select Menu] are displayed as the defaults. The cursor can
now be moved up, down, left and right using the (2), (8), (4) and (6) keys of the remote control. Select the desired
adjustment and press the (5) key; the cursor will light steady and the screen display will be cleared. Again press the (2),
(8), (4) and (6) keys of the remote control to adjust the shape of the screen. When adjustment has been completed, press
the (+) key to return to the Adjustment Menu. When all of the screen adjustments have been completed, turn off the main
power supply of the set to reset the menu.
2) Adjustment Screen
X : 1
Y : 1
C : R
S : 08
Displayed when the cursor blinks and cleared
when the cursor lights steady.
X Cursor horizontal position display
Y Cursor vertical position display
C Cursor color select display
S Menu select display
Displayed when the cursor blinks and
cleared when the cursor lights steady.
Displays the current screen mode.
Wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com