| Electronic Components Datasheet Search |
|
2SC752GTM Datasheet(PDF) 6 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
2SC752GTM Datasheet(HTML) 6 Page - Toshiba Semiconductor |
|
6 / 126 page ![]() – 6 – WARNING: BEFORE SERVICING THIS CHASSIS, READ THE "X-RAY RADIATION PRECAUTION", "SAFETY PRE- CAUTION" AND "PRODUCT SAFETY NOTICE" ON PAGE 3 OF THIS MANUAL. PICTURE TUBE COMPONENTS ADJUSTMENT ADJUSTING PROCEDURE IN REPLACING CRT User convergence center check Lens focus Electrical focus Cutoff Centering (PAL) Convergence adjustment (PAL/NTSC) Yoke horizontal End Sub bright adjustment White balance DESCRIPTION OF NECK COMPONENTS 1 Deflection yoke and convergence yoke. The position on the neck is required most front (CRT fun- nel side) and the screw is fastened after rotating yoke adjusting picture tilt. 2 Centering magnet After adjusting picture tilt, picture position is finally fixed by this magnet. In order to get maximum margin of user convergence con- trol for center of screen, this magnet have to be used for center convergence adjustment. PREPARATION Operate the receiver for at least 5 minutes. R, G, B CUTOFF (SCREEN VR) ADJUSTMENT 1. Adjust before replace the screen assembly. 2. Set user control to reset position. ( CONTRAST → Max BRIGHTNESS, COLOR, TINT → Center. ) 3. Call up the adjustment mode display, then select the item RCUT. 4. Adjust the data of items RCUT, GCUT, and BCUT to "40H". 5. Press the -/-- button on Remote. (Y-MUTE : ON) 6. Gradually rotate R, G and B screen volume of FOCUS PAC clockwise or counterclockwise until the raster appears slightly on the CRT through the each lens, and leave them. (Lookin to the lens in order to check the raster.) 7. Press the -/-- button on Remote. (Return to Normal Picture) 1 2 S.V.M. COIL RGB FOCUS ADJUSTMENT 1. Call-up the adjustment mode (see page 10) 2. Press a button on the remote controller in order to display the internally-generated cross-hatch (See TEST SIGNAL SELECTION on page 11.) 3. Expose only RED by covering the GREEN and BLUE lenses with caps. 4. Loosen the RED lens fixing screws (refer to Fig. a), and adjust the RED lens focus to obtain the sharpest point while observing the middle and peripheral sections of the screen. Fig. a 5. Use the focus VR of “R” of the focus pack in order to adjust the electric focus in the middle and peripheral sections of the screen to its sharpest level. 6. Check the RED focus of the whole screen and if necessary repeat steps 4 and 5. 7. Fix the RED lens by tightening its fixing screws. 8. Expose only GREEN by covering the RED and BLUE lenses with caps. 9. Display the internally-generated cross-hatch signal. 10. Adjust the GREEN lens focus on the left border of the screen to its sharpest level, then check the focus on the right border, and if it is at its sharpest level, fix it in that position by tightening the lens screws. (1) If the horizontal line toward the right border is red- flared, turn the lens screw slightly right in order to balance it with the left border. (After adjustment, the left border tends to be slightly green-flared, and the right border tends to be slightly red-flared.) (2) If the horizontal line toward the right border is green- flared, turn the lens screw slightly left in order to balance it with the left border. (After adjustment, the left border tends to be slightly red-flared, and the right border tends to be slightly green-flared.) Note: The aim of the above-described adjustment procedure for the Green lens focus is to obtain the best lens focus after 2 - 3 hours of warming up taking into account the focus drift; it applies if the warming up time before the adjustment is less than 30 minutes. (The horizontal line in the screen middle section tends to be slightly red- flared.) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |