Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2655 Datasheet(PDF) 63 Page - Toshiba Semiconductor

Part # 2SC2655
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2655 Datasheet(HTML) 63 Page - Toshiba Semiconductor

Back Button 2SC2655 Datasheet HTML 59Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 60Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 61Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 62Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 63Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 64Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 65Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 66Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 67Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 126 page
background image
– 67 –
CONVER BOARD PB8773A
BOTTOM (FOIL) SIDE
R7725
R7735
R7730
R7717
C7729
R7712
C7726
R7731
R7736
R7726
R7718
R7710
R7720
R7715
R7716
R7721
R7711
R7777
C7733
R7723
R7733
R7728
R7713
C7727
R7708
C7732
R7732
C7740
R7727
R7775
R7778
L7704
L7705
L7706
D7717
R7782
C7770
Q768
R7784
R7787
R7786
C7771
R7788
R7789
C7778
D7703
R7793
C7773
R7763
C7754
D7710
C7751
C7758
C7757
C7756
D7702
C7749
C7750
C7748
R7746
Q761
R7757
C7762
R7758
C7775
R7749
R7747
R7779
D7719
D7707
R7773
D7706
D7705
R7767
R7766
C7764
R7781
D7721
D7720
D7722
C7743
P702B
R7752
R7753
R7754
R7755
Q773
Q772
D7723
D7724
R7706
C7702
R7703
P803B
R7771
D7711
R7772
(GREEN)
(BLUE)
SDAM
SCLM
VG
NSCV
I2CS
NC
NC
YSIN
BIN
GIN
RIN
YS
B
G
R
VD
AG
HD
DG
+5v
+5V
-9V
+9V
NC
NC
NSH
AG
BH
GH
AG
BV
GV
RV
1
2
3
4
5
6
7
1
2
3
4
5
6
7
1
2
3
4
5
6
7
OUT
IN
GND
(+9V)
GND
OUT
(-9V)
(+5V)
GND
(RED)
-18V
GND
GND
GND
+18V
+35V
5V-1
7V
SDAU
PARA
DFAI
VGND
SCLU
VD
PROTECT
SDA
SCL
AFC
GND
12C-S
C-MUTE
C-YS
GND
C-B
C-R
GND
C-G
15
18
-18V
+18V
+18V
-18V
-18V
-18V
-18V
-18V
-18V
P701B
D7725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com