Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1815 Datasheet(PDF) 42 Page - Toshiba Semiconductor

Part # 2SC1815
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC1815 Datasheet(HTML) 42 Page - Toshiba Semiconductor

Back Button 2SC1815 Datasheet HTML 38Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 39Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 40Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 41Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 42Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 43Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 44Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 45Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 46Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 126 page
background image
– 42 –
Location
No.
Part No.
Description
Location
No.
Part No.
Description
C7753
24567104
PF, 0.1?F
C7754
24667101
EL, 100?F,
±20%, 25V
C7755
24667101
EL, 100?F,
±20%, 25V
C7756
24567104
PF, 0.1?F
C7757
24567104
PF, 0.1?F
C7758
24667101
EL, 100?F,
±20%, 25V
C7760
24667470
EL, 47?F,
±20%, 25V
C7761
24667470
EL, 47?F,
±20%, 25V
C7762
24669100
EL, 10?F,
±20%, 50V
C7763
24667470
EL, 47?F,
±20%, 25V
C7764
24598331
PF, 330pF
C7767
24667470
EL, 47?F,
±20%, 25V
C7768
24567104
PF, 0.1?F
C7769
24232103
CD, 0.01?F, +80%, -20%
C7770
24669470
EL, 47?F,
±20%, 50V
C7771
24567103
PF, 0.01?F
C7772
24667101
EL, 100?F,
±20%, 25V
C7773
24669101
EL, 100?F,
±20%, 50V
C7774
24436331
CD, 330pF
C7775
24667101
EL, 100?F,
±20%, 25V
C7776
24667470
EL, 47?F,
±20%, 25V
C7777
24669470
EL, 47?F,
±20%, 50V
C7778
24567104
PF, 0.1?F
C7779
24669479
EL, 4.7?F,
±20%, 50V
C7780
24591102
PF, 1000pF
C8301
24666101
EL, 100?F,
±20%, 16V
C8303
24669100
EL, 10?F,
±20%, 50V
C8304
24666101
EL, 100?F,
±20%, 16V
C8306
24666470
EL, 47?F,
±20%, 16V
C8307
24591334
PF, 0.33?F
C9602
24794100
EL, 10?F,
±20%, 16V
CA14
24232103
CD, 0.01?F, +80%, -20%
CA15
24232103
CD, 0.01?F, +80%, -20%
CA19
24436101
CD, 100pF
CA24
24436101
CD, 100pF
CA41
24436101
CD, 100pF
CA42
24436101
CD, 100pF
CA43
24436101
CD, 100pF
CA68
24794100
EL, 10?F,
±20%, 16V
CA69
24232103
CD, 0.01?F, +80%, -20%
CA106
24436101
CD, 100pF
CA107
24538104
PF, 0.1?F(40PW03G)
CA107
24567104
PF, 0.1?F(40PW03B)
CA108
24538103
PF, 0.01?F(40PW03G)
CA108
24590103
PF, 0.01?F(40PW03B)
CA109
24538103
PF, 0.01?F(40PW03G)
CA109
24590103
PF, 0.01?F(40PW03B)
CA420
24794100
EL, 10?F,
±20%, 16V
CA430
24232103
CD, 0.01?F, +80%, -20%
CA440
24232103
CD, 0.01?F, +80%, -20%
CB01
24794470
EL, 47?F,
±20%, 16V
CB90
24232103
CD, 0.01?F, +80%, -20%
CC08
24815102
Chip, 0.001?F,
±10%
CC10
24781820
Chip, 82pF, SL
CC15
24212102
CD, 1000pF,
±10%
CC23
24814103
Chip, 0.01?F, +80%, -20%
CC28
24232103
CD, 0.01?F, +80%, -20%
CC29
24232103
CD, 0.01?F, +80%, -20%
CC30
24567474
PF, 0.47?F
CC39
24232103
CD, 0.01?F, +80%, -20%
CC40
24781470
Chip, 47pF, SL
CC41
24781470
Chip, 47pF, SL
CC42
24781470
Chip, 47pF, SL
CC45
24774050
CD, 5pF,
±0.25pF, CH
CC46
24774050
CD, 5pF,
±0.25pF, CH
CC47
24232103
CD, 0.01?F, +80%, -20%
CC48
24232103
CD, 0.01?F, +80%, -20%
CF03
24567104
PF, 0.1?F
CF04
24766101
EL, 100?F,
±20%, 50V
CF05
24766101
EL, 100?F,
±20%, 50V
CF06
24774220
Chip, 22pF, CH
CF07
24774220
Chip, 22pF, CH
CF08
24567104
PF, 0.1?F
CF09
24567104
PF, 0.1?F
CF10
24206100
EL, 10?F,
±20%, 50V
CF11
24567104
PF, 0.1?F
CF12
24814103
Chip, 0.01?F, +80%, -20%
CF14
24814103
Chip, 0.01?F, +80%, -20%
CF16
24567224
PF, 0.22?F
CF18
24794101
EL, 100?F,
±20%, 16V
CF19
24814103
Chip, 0.01?F, +80%, -20%
CF20
24766010
EL, 1?F,
±20%, 50V
CQ01
24781102
Chip, 1000pF, SL
CQ02
24781820
Chip, 82pF, SL
CQ03
24781102
Chip, 1000pF, SL
CQ04
24203100
EL, 10?F,
±20%, 16V
CQ05
24591563
PF, 0.056?F
CQ07
24591203
PF, 0.02?F
CQ08
24567683
PF, 0.068?F
CQ09
24206229
EL, 2.2?F,
±20%, 50V
CQ10
24591223
PF, 0.022?F
CQ11
24206229
EL, 2.2?F,
±20%, 50V
CQ12
24781820
Chip, 82pF, SL
CQ13
24669010
EL, 1?F,
±20%, 50V
CQ14
24669010
EL, 1?F,
±20%, 50V
CQ15
24763101
EL, 100?F,
±20%, 16V
CQ16
24814103
Chip, 0.01?F, +80%, -20%
CQ17
24774150
Chip, 15pF, CH
CQ18
24781820
Chip, 82pF, SL
CQ19
24590103
PF, 0.01?F
CQ20
24567104
PF, 0.1?F
CQ21
24794470
EL, 47?F,
±20%, 16V
CQ22
24814103
Chip, 0.01?F, +80%, -20%
CQ23
24567104
PF, 0.1?F
CQ24
24567104
PF, 0.1?F
CQ25
24797100
EL, 10?F,
±20%, 50V
CQ26
24567104
PF, 0.1?F
CQ27
24567104
PF, 0.1?F
CQ28
24797478
EL, 0.47?F,
±20%, 50V
CQ29
24794101
EL, 100?F,
±20%, 16V
CQ30
24814103
Chip, 0.01?F, +80%, -20%
CQ31
24797478
EL, 0.47?F,
±20%, 50V
CQ32
24590103
PF, 0.01?F
CQ33
24567104
PF, 0.1?F
CQ34
24567104
PF, 0.1?F
CQ35
24206478
EL, 0.47?F,
±20%, 50V
CQ36
24206478
EL, 0.47?F,
±20%, 50V
CQ37
24669010
EL, 1?F,
±20%, 50V
CQ38
24669010
EL, 1?F,
±20%, 50V
CQ39
24669010
EL, 1?F,
±20%, 50V
CQ40
24781820
Chip, 82pF, SL
CQ41
24781090
Chip, 9pF,
±0.5pF, SL
CQ42
24781090
Chip, 9pF,
±0.5pF, SL
CQ43
24781090
Chip, 9pF,
±0.5pF, SL
CQ45
24781102
Chip, 1000pF, SL
CQ46
24781102
Chip, 1000pF, SL
CQ61
24781102
Chip, 1000pF, SL
CQ62
24781470
Chip, 47pF, SL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com