Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFBA2V1005-330-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # MFBA2V1005-330-R
Description  Automotive multilayer chip ferrite bead
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFBA2V1005-330-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  MFBA2V1005-330-R Datasheet HTML 1Page - Eaton All Rights Reserved. MFBA2V1005-330-R Datasheet HTML 2Page - Eaton All Rights Reserved. MFBA2V1005-330-R Datasheet HTML 3Page - Eaton All Rights Reserved. MFBA2V1005-330-R Datasheet HTML 4Page - Eaton All Rights Reserved. MFBA2V1005-330-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data ELX1130
Effective December 2021
MFBA2V1005
Automotive multilayer chip ferrite bead
www.eaton.com/electronics
Product specifications
Part number2
Impedance (Ω)
100 MHz,±25%,
@ +25°C
DCR (Ω) maximum
@ +25 °C
Rated current1
(mA)
maximum
MFBA2V1005-330-R
33
0.03
4000
MFBA2V1005-101-R
100
0.10
2000
MFBA2V1005-121-R
120
0.095
2000
MFBA2V1005-221-R
220
0.15
1500
Part marking: No marking
All soldering surfaces to be coplanar within 0.1 millimeters
Tolerances are ±0.1 millimeters unless stated otherwise
Pad layout dimensions are reference only
Traces or vias underneath the inductor is not recommended
Mechanical parameters (mm)
Part number
A
B
C
D
E (ref.)
F (ref.)
G (ref.)
MFBA2V1005-***-R
1.0 ±0.10
0.50 ±0.10
0.50 ±0.10
0.25 ±0.10
0.50
0.40
0.60
1. Rated current: Current rating for an approximate self-temperature rise of 40 °C or less.
2. Part number definition: MFBA2V1005-xxx-R
MFBA2V1005 = Product code and size
xxx = Impedance value in Ω, last character equals number of zeros
-R suffix = RoHS compliant
Recommended pad layout
Schematic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com