Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3V3 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P3V3
Description  FRDM-KL46Z User’s Manual
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P3V3 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P3V3 Datasheet HTML 5Page - NXP Semiconductors P3V3 Datasheet HTML 6Page - NXP Semiconductors P3V3 Datasheet HTML 7Page - NXP Semiconductors P3V3 Datasheet HTML 8Page - NXP Semiconductors P3V3 Datasheet HTML 9Page - NXP Semiconductors P3V3 Datasheet HTML 10Page - NXP Semiconductors P3V3 Datasheet HTML 11Page - NXP Semiconductors P3V3 Datasheet HTML 12Page - NXP Semiconductors P3V3 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Freescale Semiconductor, Inc
FRDM-KL46Z
Page 9 of 17
5.1.2 Serial and Debug Adapter (OpenSDA)
OpenSDA is an open-standard serial and debug adapter. It bridges serial and debug communications between a
USB host and an embedded target processor as shown in Figure 4. The hardware circuit is based on a Freescale
Kinetis K20 family microcontroller (MCU) with 128 KB of embedded flash and an integrated USB controller.
OpenSDA features a mass storage device (MSD) bootloader, which provides a quick and easy mechanism for
loading different OpenSDA Applications such as flash programmers, run-control debug interfaces, serial-to-USB
converters, and more. Refer to the OpenSDA User’s Guide for more details.
Figure 4. OpenSDA High-Level Block Diagram
OpenSDA is managed by a Kinetis K20 MCU built on the ARM® Cortex™-M4 core. The OpenSDA circuit includes a
status LED (D8) and a pushbutton (SW2). The pushbutton asserts the Reset signal to the KL46 target MCU. It can
also be used to place the OpenSDA circuit into Bootloader mode. SPI and GPIO signals provide an interface to
either the SWD debug port of the K20. Additionally, signal connections are available to implement a UART serial
channel. The OpenSDA circuit receives power when the USB connector J13 is plugged into a USB host.
Debug Interface
Signals with SPI and GPIO capability are used to connect directly to the SWD of the KL46. These signals are also
brought out to a standard 10-pin (0.05”) Cortex Debug connector (J11). It is possible to isolate the KL46 MCU
from the OpenSDA circuit and use J11 to connect to an off-board MCU. To accomplish this, cut the trace on the
bottom side of the PCB that connects J18 pin 2 to J11 pin 2. This will disconnect the SWD_CLK pin to the KL46 so
that it will not interfere with the communications to an off-board MCU connected to J11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com