Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF030 Datasheet(PDF) 1 Page - Global Connector Technology

Part # BF030
Description  2.0mm Pitch Pin Header Dual Row, Surface Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

BF030 Datasheet(HTML) 1 Page - Global Connector Technology

  BF030 Datasheet HTML 1Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
No. of Contacts
04 to 50
BF030
Ordering Grid
XX
XXXX
Insulator Height 'H'
B = 2.00mm(Standard)
A = 1.50mm
X
X
XXXX
X
Specifications
Material
Contact: Copper Alloy
Insulator:
Standard: Polymer, LCP, UL 94-V0
Options: Polyamide, Nylon 6T, UL 94-V0
Electrical
Current Rating: 2 Amp per pin
Insulation Resistance: 1000 M
Ω min
Contact Resistance: 20 m
Ω max.
Dielectric Withstand Voltage: AC 500 V
Mechanical & Environmental
Operating Temperature: -40°C to +105°C
Soldering Process
LCP (Standard) -
IR Reflow: 260°C for 10 sec.
Manual Solder: 350°C for 3-5 sec
Nylon 6T (Option) -
IR Reflow: 260°C for 10 sec.
Manual Solder: 350°C for 3-5 sec
Mates with(Subject to pin length)
BF065
BF075
BF080
BF095
BF100 BF105
BF110
BF112
BF115
BF120
BF185
Dimension D (1/100mm) (Post Height)
0200 = 2.00mm (Standard)
0400 = 4.00mm (Standard)
0600 = 6.00mm (Standard)
Or specify custom Post Height
eg. 0250 = 2.50mm
(Maximum 0800 = 8.00mm)
(Minimum 0100 = 1.00mm)
Dimension E (1/100mm) (PCB to Top of Insulator)
0277 = 2.77mm (Standard where 'H' = 2.00mm)
0220 = 2.20mm (Standard where 'H' = 1.50mm)
Or specify custom Dimension E
eg. 0250 = 2.50mm
(Minimum 0260 = 2.60mm where 'H'=2.00mm)
(Minimum 0210 = 2.10mm where 'H'=1.50mm)
Locating Peg
0 = Without
1 = With
XXXX
Dimension W (1/100mm) (Footprint Width)
0600 = 6.00mm (Standard where 'H' = 2.00mm)
0550 = 5.50mm (Standard where 'H' = 1.50mm)
Or specify custom Footprint Width
eg. 0550 = 5.50mm (Tooling charge may apply)
X
Insulator Material
L = LCP (Standard)
N = Nylon 6T
X
Packing Options
B = Tape & Reel with Cap (Standard)
D = Tube
E = Tube with Cap
0.50±0.02 sq. pin
Pegs Optional
Ø1.00
C ±0.20
A ±0.25
2.00
B ±0.38 (H=1.5)
B+0.2 ±0.38(H=2.0)
2.00
W±0.2
2.00
0.90
1.00
C ±0.20
Contact Plating
A = Gold Flash All Over (Standard)
B = Selective Gold Flash Contact Area/Tin On Tail
C = Tin All Over
D = 10µ" Gold All Over
G = 10µ" Gold Contact Area/Tin On Tail
I = 30µ" Gold Contact Area/Tin On Tail
Recommended P.C.B Layout
Solder Area
Request Samples
and Quotation
Number of
Contacts
Dimensions
AB
C
4
2.0
4.0
N/A
6
4.0
6.0
2.0
8
6.0
8.0
4.0
10
8.0
10.0
6.0
12
10.0 12.0
8.0
14
12.0 14.0 10.0
16
14.0 16.0 12.0
18
16.0 18.0 14.0
20
18.0 20.0 16.0
22
20.0 22.0 18.0
24
22.0 24.0 20.0
26
24.0 26.0 22.0
28
26.0 28.0 24.0
30
28.0 30.0 26.0
32
30.0 32.0 28.0
34
32.0 34.0 30.0
36
34.0 36.0 32.0
38
36.0 38.0 34.0
40
38.0 40.0 36.0
42
40.0 42.0 38.0
44
42.0 44.0 40.0
46
44.0 46.0 42.0
48
46.0 48.0 44.0
50
48.0 50.0 46.0
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.30
X.X ± 0.20
X.XX ± 0.15
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
LYH
Sheet No.
1/1
BF030
2.0mm Pitch Pin Header,
Dual Row, Surface Mount
CC
BF030
D PCN
D7
By
Detail
Revision
Part Number
Drawing Date
26th October 2007
27/04/22
Date
X.° ± 5°
X.X° ± 2°
X.XX° ± 1°
X.XXX° ± 0.5°
www.gct.co
Ø1.10
Single peg for 4 contacts only


Similar Part No. - BF030

ManufacturerPart #DatasheetDescription
logo
LOVATO Electric S.p.A.
BF0022A230 LOVATO-BF0022A230 Datasheet
208Kb / 5P
CONTROL RELAY WITH AC COIL 50/60HZ, 230VAC, 2NO AND 2NC
BF0031A230 LOVATO-BF0031A230 Datasheet
208Kb / 5P
CONTROL RELAY WITH AC COIL 50/60HZ, 230VAC, 3NO AND 1NC
BF0031D024 LOVATO-BF0031D024 Datasheet
176Kb / 4P
CONTROL RELAY WITH DC COIL, 24VDC, 3NO AND 1NC
BF0040A024 LOVATO-BF0040A024 Datasheet
209Kb / 5P
CONTROL RELAY WITH AC COIL 50/60HZ, 24VAC, 4NO
logo
AVX Corporation
BF01 AVX-BF01 Datasheet
57Kb / 4P
Radial Leads
More results

Similar Description - BF030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NA32C1 ETC2-NA32C1 Datasheet
40Kb / 1P
2.0mm 4 Pin Ceramic Surface Mount Crystal
NCA32C1 ETC2-NCA32C1 Datasheet
38Kb / 1P
2.0mm 4 Pin Ceramic Surface Mount Crystal
logo
Dubilier
DBCPHC3510AG1 DUBILIER-DBCPHC3510AG1 Datasheet
102Kb / 1P
PIN HEADER DUAL ROW STRAIGHT SMT - 2.0MM
DBCPHC3610AG1 DUBILIER-DBCPHC3610AG1 Datasheet
97Kb / 1P
PIN HEADER DUAL BODY SINGLE ROW - 2.0MM
logo
SUYIN USA, INC.
200112MS SUYIN-USA-200112MS Datasheet
177Kb / 1P
2.0mm DUAL ROW HEADER STRAIGHT P.C.B. MOUNT TYPE
200115MS SUYIN-USA-200115MS Datasheet
159Kb / 1P
2.0mm DUAL ROW BOX HEADER P.C.B. MOUNT TYPE
200116MS SUYIN-USA-200116MS Datasheet
192Kb / 1P
2.0mm DUAL ROW BOX HEADER P.C.B. MOUNT TYPE
200170MS SUYIN-USA-200170MS Datasheet
149Kb / 1P
2.0mm DUAL ROW ACTIVE EJECT PIN HEADER STRAIGHT TYPE
logo
Switchcraft, Inc.
RASM722 SWITCH-RASM722 Datasheet
95Kb / 1P
POWER JACK, SURFACE MOUNT 0.08 [2.0mm] PIN
logo
Global Connector Techno...
BF135 GCT-BF135 Datasheet
103Kb / 1P
2.00mm Pitch Pin Header,Dual Row, Surface Mount,Horizontal
31st October 2007
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com