Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC162050 Datasheet(PDF) 67 Page - Microchip Technology

Part # AC162050
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162050 Datasheet(HTML) 67 Page - Microchip Technology

Back Button AC162050 Datasheet HTML 63Page - Microchip Technology AC162050 Datasheet HTML 64Page - Microchip Technology AC162050 Datasheet HTML 65Page - Microchip Technology AC162050 Datasheet HTML 66Page - Microchip Technology AC162050 Datasheet HTML 67Page - Microchip Technology AC162050 Datasheet HTML 68Page - Microchip Technology AC162050 Datasheet HTML 69Page - Microchip Technology AC162050 Datasheet HTML 70Page - Microchip Technology AC162050 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
 2006-2012 Microchip Technology Inc.
DS51292T-page 67
6-PIN SIL CONNECTOR
Debug headers with 6-pin SIL (Single In-Line) connectors are compatible with the tools
listed below.
PICkit 2 or 3 Programmer/Debug Express
The 6-pin socket of the PICkit 2 or PICkit 3 may be directly connected to the 6 header
pins. Be sure to line up pin 1 on PICkit with pin 1 on header.
FIGURE 4:
6-PIN SIL CONNECTION TO A PICKIT
MPLAB ICD 2 or 3 In-Circuit Debugger
The 6-pin modular cable attached to the MPLAB ICD 2 or MPLAB ICD 3 may be
connected to the 6 header pins through the Modular-to-SIL Adapter.
MPLAB REAL ICE In-Circuit Emulator
The 6-pin modular cable attached to the Standard Driver Board may be connected to
the 6 header pins through the Modular-to-SIL Adapter. No SPI trace is available with
this connection because of the loss of the DAT and CLK pins.
The 8-pin socket of the High Speed Driver Board or optional Isolation Unit may be
directly connected to the 6 header pins. Be sure to line up pin 1 on the board with pin
1 on the header.
FIGURE 5:
6-PIN SIL CONNECTION TO AN EMULATOR
Note:
No SPI trace is possible in this case because of the loss of DAT and CLK
pins. However, if the device supports SPI, two additional header pins can
be attached to add this functionality.
PICkit 2 or 3
PI
Ck
it
TOP
Header
Connector
TOP
1
1
1
J1
DAT
CLK
TOP
Header
Connector
MPLAB REAL ICE in-circuit emulator
High-Speed Receiver Board or
optional Isolation Unit
TOP
1
Optional SPI trace
2-Pin right angle header
to be installed here.
(Digi-Key P/N A32702-02-ND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com