Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB047SMSMPF12.0IN Datasheet(PDF) 2 Page - Times Microwave Systems.

Part # IB047SMSMPF12.0IN
Description  INSTABEND 047 CABLE ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMES [Times Microwave Systems.]
Direct Link  https://www.timesmicrowave.com/
Logo TIMES - Times Microwave Systems.

IB047SMSMPF12.0IN Datasheet(HTML) 2 Page - Times Microwave Systems.

  IB047SMSMPF12.0IN Datasheet HTML 1Page - Times Microwave Systems. IB047SMSMPF12.0IN Datasheet HTML 2Page - Times Microwave Systems.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE REVISION STATUS OF ALL SHEETS OF THIS DRAWING IS THE SAME AS SHEET 1
Unless otherwise spec-
ified, dimensions are in
INCH. Tolerances are
applicable when spec-
ified.
These drawings and
specifications contain
proprietary information
which is the property of
Times Microwave
Systems.
INSTABEND 047 CABLE ASSEMBLY
Size
A
CAGE CODE
68999
Drawing No.:
IE-00272-XX
Scale: NA
Rev. (A)
Sheet: 2 of 2
Approvals
Drawn
Checked
Approved
SVP
05/14/22
TIMES MICROWAVE SYSTEMS
www.timesmicrowave.com
REV
DESCRIPTION
DATE
BY
A
INITIAL RELEASE
05/14/22
SVP
4.0 Electrical Performance
5.0 Mechanical Performance
5.1 Overall Length to be specified length.
5.2 Minimum Bend radius is 0.750inch [19.05mm].
6.0 Environmental Performance
6.1 Installation Temperature Range (-65°C to +125°C)
6.2 Storage Temperature Range (-65°C to +125°C)
6.3 Operating Temperature Range (-65°C to +125°C)
7.0 NOTES
1. Unless Otherwise Specified: Tolerance will be
Linear Dimension
Tolerance
INCH
INCH
<20
±0.4
20-79
±0.6
>79
±0.8
**Tolerances are not accumulative.
Dwg. Number
Max. Insertion Loss in (dB)
Max. VSWR
@ 10MHz
– 18000 MHz
10MHz
– 12400 MHz
@ 12400
– 18000 MHz
IE-00272-01
0.98
1.35
1.50
IE-00272-02
1.33
1.35
1.50
IE-00272-03
1.68
1.35
1.50
IE-00272-04
2.03
1.35
1.50
IE-00272-05
2.38
1.35
1.50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com