Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA131 Datasheet(PDF) 19 Page - Pico Technology Ltd.

Part # TA131
Description  PicoScope® 3000 Series PC oscilloscopes and MSOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA131 Datasheet(HTML) 19 Page - Pico Technology Ltd.

Back Button TA131 Datasheet HTML 15Page - Pico Technology Ltd. TA131 Datasheet HTML 16Page - Pico Technology Ltd. TA131 Datasheet HTML 17Page - Pico Technology Ltd. TA131 Datasheet HTML 18Page - Pico Technology Ltd. TA131 Datasheet HTML 19Page - Pico Technology Ltd. TA131 Datasheet HTML 20Page - Pico Technology Ltd. TA131 Datasheet HTML 21Page - Pico Technology Ltd. TA131 Datasheet HTML 22Page - Pico Technology Ltd. TA131 Datasheet HTML 23Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
PicoScope
3203D and
3203D MSO
PicoScope
3403D and
3403D MSO
PicoScope
3204D and
3204D MSO
PicoScope
3404D and
3404D MSO
PicoScope
3205D and
3205D MSO
PicoScope
3405D and
3405D MSO
PicoScope
3206D and
3206D MSO
PicoScope
3406D and
3406D MSO
Horizontal
Maximum sampling rate
(real-time)
1 GS/s: 1 analog channel in use
500 MS/s: up to 2 analog channels or digital ports* in use
250 MS/s: up to 4 analog channels or digital ports* in use
125 MS/s: all other combinations
*A digital port contains 8 digital channels
Maximum equivalent-time
sampling (ETS) rate
(repetitive signals)
2.5 GS/s
2.5 GS/s
5 GS/s
10 GS/s
Maximum sampling rate
(USB streaming)
10 MS/s in PicoScope software, divided between active channels (PC-dependent)
125 MS/s using the supplied SDK, divided between active channels (PC-dependent)
Maximum capture rate
100 000 waveforms per second (PC-dependent)
Buffer memory
64 MS
128 MS
256 MS
512 MS
Buffer memory (streaming)
100 MS in PicoScope software. Up to available PC memory when using supplied SDK.
Maximum waveform
buffer segments
10 000 in PicoScope software
130 000 using the supplied SDK
250 000 using the supplied SDK
500 000 using the supplied SDK
1 000 000 using the supplied SDK
Timebase ranges
1 ns/div to 5000 s/div
1 ns/div to 5000 s/div
1 ns/div to 5000 s/div
500 ps/div to 5000 s/div
Timebase accuracy
±50 ppm
±50 ppm
±2 ppm
±2 ppm
Timebase drift per year
±5 ppm
±5 ppm
±1 ppm
±1 ppm
Sample jitter
3 ps RMS typical
ADC sampling
Simultaneous sampling on all enabled channels
Dynamic performance
Crosstalk
Better than 400:1 up to full bandwidth (equal voltage ranges), typical
Harmonic distortion
–50 dB at 100 kHz full scale input, typical
SFDR
52 dB (44 dB on ±20 mV range) at 100 kHz full scale input, typical
Noise
110 µV RMS on 20 mV range, typical
110 µV RMS on 20 mV range, typical
160 µV RMS on 20 mV range, typical
160 µV RMS on 20 mV range, typical
Bandwidth flatness
(+0.3 dB, –3 dB) from DC to full bandwidth, typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com