Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902D Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM2902D
Description  Low-power quad operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM2902D Datasheet HTML 7Page - STMicroelectronics LM2902D Datasheet HTML 8Page - STMicroelectronics LM2902D Datasheet HTML 9Page - STMicroelectronics LM2902D Datasheet HTML 10Page - STMicroelectronics LM2902D Datasheet HTML 11Page - STMicroelectronics LM2902D Datasheet HTML 12Page - STMicroelectronics LM2902D Datasheet HTML 13Page - STMicroelectronics LM2902D Datasheet HTML 14Page - STMicroelectronics LM2902D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Figure 25. High input Z, DC differential amplifier
1/4
LM2902
R1
100 kΩ
R2
100 kΩ
R4
100 kΩ
R3
100 kΩ
+V 2
+V 1
Vo
1/4
LM2902
eo = [ 1 +
] (e2 - e1)
As shown eo = (e2 - e1)
R4
R3
Figure 26. Low drift peak detector
I B
2N 92 9
0.00 1 µF
I B
3R
3 MΩ
I B
Input current
compensation
eo
I B
e I
1/4
LM2902
Zo
Z I
C
1 µF
2I B
R
1 MΩ
2I B
*
1/4
LM2902
1/4
LM2902
* Polycarbonate or polyethylene
Figure 27. Using symmetrical amplifiers to reduce input current (general concept)
1/4
LM2902
I B
2N 929
0.001µF
I B
3 MΩ
I B
e o
I I
e I
I B
I B
Aux. amplifier for input
current compensation
1.5 MΩ
1/4
LM2902
LM2902
Typical single-supply applications
DS0506 - Rev 9
page 11/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com