Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F04KA201 Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC24F04KA201
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 30Page - Microchip Technology PIC24F04KA201 Datasheet HTML 31Page - Microchip Technology PIC24F04KA201 Datasheet HTML 32Page - Microchip Technology PIC24F04KA201 Datasheet HTML 33Page - Microchip Technology PIC24F04KA201 Datasheet HTML 34Page - Microchip Technology PIC24F04KA201 Datasheet HTML 35Page - Microchip Technology PIC24F04KA201 Datasheet HTML 36Page - Microchip Technology PIC24F04KA201 Datasheet HTML 37Page - Microchip Technology PIC24F04KA201 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
Optional Debug Headers
DS51292T-page 34
 2006-2012 Microchip Technology Inc.
AC162062, AC162079, AC162087, AC162091
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify these debug headers, use the following
information.
Header Setup and Operation – AC162062
For this header, there are no jumpers/switches. MPLAB IDE will use its selected device
to choose the correct device to emulate.
Test points are available on this header to check the following: VDD, VDDCORE and
ground.
The PICDEM™ HPC Explorer Board is 5V, whereas the ICD device on the header is
3.6V max. Therefore, modification to the demo board is necessary before the header
can be used.
1.
Switch S3 should be set to ICE.
2.
Jumper J2 must be connected as shown in Figure 1 to modify the operating volt-
age. See demo board documentation for more information.
FIGURE 1:
DEMO BOARD J2 CONNECTIONS
Header Setup and Operation – AC162079, AC162087, AC162091
For these headers, there are no jumpers/switches. MPLAB IDE will use its selected
device to choose the correct device to emulate.
Test points are available on this header to check the following: VDD, VDDCORE and
ground.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header
ICE/ICD Device
Board Assembly Number
AC162062
PIC18F87J10-ICE
02-01830
AC162079
PIC18F85J90-ICE
AC162087
PIC18F87J50-ICE
AC162091
PIC18F87J11-ICE
CAUTION
This header cannot be plugged directly into the PICDEM™ HPC Explorer Board!
Device damage will result.
J2
VIN
ADJ
+5V
R
For V = 3.3V:
R = 1.18 k
 (1%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com