Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9213 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9213
Description  PHOTOCOUPLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9213 Datasheet(HTML) 1 Page - California Eastern Labs

  PS9213 Datasheet HTML 1Page - California Eastern Labs PS9213 Datasheet HTML 2Page - California Eastern Labs PS9213 Datasheet HTML 3Page - California Eastern Labs PS9213 Datasheet HTML 4Page - California Eastern Labs PS9213 Datasheet HTML 5Page - California Eastern Labs PS9213 Datasheet HTML 6Page - California Eastern Labs PS9213 Datasheet HTML 7Page - California Eastern Labs PS9213 Datasheet HTML 8Page - California Eastern Labs PS9213 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PHOTOCOUPLER
PS9213
1 Mbps, OPEN COLLECTOR OUTPUT
HIGH CMR, INTELLIGENT POWER MODULE
5-PIN SOP PHOTOCOUPLER
FOR CREEPAGE DISTANCE OF 5.5 mm
−NEPOC Series−
DESCRIPTION
The PS9213 is an optically coupled isolator containing a GaAlAs LED on the input side and a photo diode and a
signal processing circuit on the output side on one chip.
The PS9213 is designed specifically for high common mode transient immunity (CMR) and low pulse width
distortion with operating temperature. It is suitable for IPM drive.
FEATURES
• Long creepage distance (5.5 mm MIN.)
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
PIN CONNECTION
(Top View)
53
12
4
• High common mode transient immunity (CMH, CML =
±15 kV/
µs MIN.)
• High-speed response (tPHL = 500 ns MAX., tPLH = 750 ns MAX.)
• Maximum propagation delays (tPLH
− tPHL = 270 ns TYP.)
• Pulse width distortion ( tPHL
− tPLH = 270 ns TYP.)
• Ordering number of taping product: PS9213-F3, F4: 2 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
• DIN EN60747-5-2 (VDE0884 Part2) approved No.40008347 (Option)
TRUTH TABLE
LED
Output
ON
L
OFF
H
APPLICATIONS
• IPM Driver
• General purpose inverter
Document No. PN10535EJ02V0DS (2nd edition)
Date Published June 2005 CP(K)
The mark
shows major revised points.


Similar Part No. - PS9213

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9213 CEL-PS9213 Datasheet
256Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
logo
Renesas Technology Corp
PS9213 RENESAS-PS9213 Datasheet
281Kb / 18P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
logo
California Eastern Labs
PS9213-A CEL-PS9213-A Datasheet
256Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
PS9213-AX CEL-PS9213-AX Datasheet
256Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
PS9213-F3 CEL-PS9213-F3 Datasheet
256Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
More results

Similar Description - PS9213

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
PHOTOCOUPLER
logo
Kingbright Corporation
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA211 LETEX-LA211 Datasheet
195Kb / 4P
Photocoupler
LA313 LETEX-LA313 Datasheet
211Kb / 4P
Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com