Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9218P Datasheet(PDF) 99 Page - ESS Technology,Inc

Part # ES9218P
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218P Datasheet(HTML) 99 Page - ESS Technology,Inc

Back Button ES9218P Datasheet HTML 93Page - ESS Technology,Inc ES9218P Datasheet HTML 94Page - ESS Technology,Inc ES9218P Datasheet HTML 95Page - ESS Technology,Inc ES9218P Datasheet HTML 96Page - ESS Technology,Inc ES9218P Datasheet HTML 97Page - ESS Technology,Inc ES9218P Datasheet HTML 98Page - ESS Technology,Inc ES9218P Datasheet HTML 99Page - ESS Technology,Inc ES9218P Datasheet HTML 100Page - ESS Technology,Inc ES9218P Datasheet HTML 101Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 99 / 101 page
background image
ES9218P Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.8
December 6, 2018
99
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Reflow Process Considerations
Temperature Controlled
For lead-free soldering, the characterization and optimization of the reflow process is the most important factor to consider.
The lead-free alloy solder has a melting point of 217°C. This alloy requires a minimum reflow temperature of 235°C to ensure good wetting. The
maximum reflow temperature is in the 245°C to 260°C range, depending on the package size (RPC-2 Pb-Free Process – Classification
Temperatures (Tc)). This narrows the process window for lead-free soldering to 10°C to 20°C.
The increase in peak reflow temperature in combination with the narrow process window makes the development of an optimal reflow profile a
critical factor for ensuring a successful lead-free assembly process. The major factors contributing to the development of an optimal thermal profile
are the size and weight of the assembly, the density of the components, the mix of large and small components, and the paste chemistry being used.
Reflow profiling needs to be performed by attaching calibrated thermocouples well adhered to the device as well as other critical locations on the
board to ensure that all components are heated to temperatures above the minimum reflow temperatures and that smaller components do not
exceed the maximum temperature limits (Table RPC-2).
To ensure that all packages can be successfully and reliably assembled, the reflow profiles studied and recommended by ESS are based on the
JEDEC/IPC standard J-STD-020 revision D.1.
Figure 16. IR/Convection Reflow Profile (IPC/JEDEC J-STD-020D.1)
Reflow is allowed 3 times. Caution must be taken to ensure time between re-flow runs does not exceed the allowed time by the moisture sensitivity
label. If the time elapsed between the re-flows exceeds the moisture sensitivity time bake the board according to the moisture sensitivity label
instructions.
Manual
Allowed up to 2 times with maximum temperature of 350°C no longer than 3 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com