Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC244036 Datasheet(PDF) 5 Page - Microchip Technology

Part # AC244036
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC244036 Datasheet(HTML) 5 Page - Microchip Technology

  AC244036 Datasheet HTML 1Page - Microchip Technology AC244036 Datasheet HTML 2Page - Microchip Technology AC244036 Datasheet HTML 3Page - Microchip Technology AC244036 Datasheet HTML 4Page - Microchip Technology AC244036 Datasheet HTML 5Page - Microchip Technology AC244036 Datasheet HTML 6Page - Microchip Technology AC244036 Datasheet HTML 7Page - Microchip Technology AC244036 Datasheet HTML 8Page - Microchip Technology AC244036 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
Debug Header Specification
 2006-2012 Microchip Technology Inc.
DS51292T-page 5
FIGURE 4:
CONNECT HEADER TO DEBUG TOOL
4.
Connect the header to the target board. On the bottom of the header is a socket
that is used to connect to the target board. The header may be connected to the
target board as follows:
a) PDIP header socket to PDIP target socket with a stand-off (male-to-male)
connector
b) Header socket to plug on the target board
c)
Header socket to target socket with a transition socket (see the “Transition
Socket Specification”, DS51194)
An example connection is shown in Figure 5.
The header socket will have the same pin count as your selected device. The
ICE/ICD device on the top of the header usually has a larger pin count because
it has additional pins that are dedicated to debug.
FIGURE 5:
CONNECT HEADER TO TARGET
5.
If using a debug tool that can power the target, power that tool now.
6.
Power the target, if needed.
Debug Header (Top)
ICE/ICD Device
Debug Tool Module
(Top)
To PC and
MPLAB® IDE
Power In
Target Board (Top)
Target Socket
Stand-off Connector
Debug Header (Bottom)
Header Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com