Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F08KA102 Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC24F08KA102
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KA102 Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC24F08KA102 Datasheet HTML 19Page - Microchip Technology PIC24F08KA102 Datasheet HTML 20Page - Microchip Technology PIC24F08KA102 Datasheet HTML 21Page - Microchip Technology PIC24F08KA102 Datasheet HTML 22Page - Microchip Technology PIC24F08KA102 Datasheet HTML 23Page - Microchip Technology PIC24F08KA102 Datasheet HTML 24Page - Microchip Technology PIC24F08KA102 Datasheet HTML 25Page - Microchip Technology PIC24F08KA102 Datasheet HTML 26Page - Microchip Technology PIC24F08KA102 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
Required Debug Headers
 2006-2012 Microchip Technology Inc.
DS51292T-page 23
DETERMINING DAMAGE
A damaged header will cause MPLAB IDE to report a device ID of 0. However, there
are other issues that can cause the device ID to report as 0. Please consult your debug
tool documentation on troubleshooting to identify the problem. If you believe you have
a damaged header, please contact Microchip technical support at
http://support.microchip.com.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header Dimensions
The figure below lists the dimensions for the debug header. Dimensions are design
values in inches.
If the length and/or width of the debug header is too large a footprint for the target
board, consider using stand-offs, transition sockets or other extenders in the header
connection socket to raise the header above the target.
FIGURE 9:
DIMENSIONS – AC162083
Target Pin 1 Located on
Bottom side of Header
Dimensions are in inches
2.450
Top
0.600
0.650
1.600
Side
0.165 Typical
0.062 Typical
0.560
Typical
Rotary
Switch
Use for Both 14-pin and
8-pin Device Alignment
6-pin Modular Connector
See Appendix B. “Debug Header
Connections” for details.
ICE
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com