Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMA240F Datasheet(PDF) 9 Page - COSEL CO., LTD.

Part # LMA240F
Description  AC-DC Power Supplies Medical Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

LMA240F Datasheet(HTML) 9 Page - COSEL CO., LTD.

Back Button LMA240F Datasheet HTML 2Page - COSEL CO., LTD. LMA240F Datasheet HTML 3Page - COSEL CO., LTD. LMA240F Datasheet HTML 4Page - COSEL CO., LTD. LMA240F Datasheet HTML 5Page - COSEL CO., LTD. LMA240F Datasheet HTML 6Page - COSEL CO., LTD. LMA240F Datasheet HTML 7Page - COSEL CO., LTD. LMA240F Datasheet HTML 8Page - COSEL CO., LTD. LMA240F Datasheet HTML 9Page - COSEL CO., LTD. LMA240F Datasheet HTML 10Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
[AC V]
[%]
100
80
85 90
-10
70
60
50
40
0
3
35
45
2
Forced air
(0.5m3 /min)
1
Convection
80
100
60
40
20
0
20
10
0
[C]
Ambient temperature
1
(A)mounting
1
1
(B)mounting
(D), (F)
mounting
1
(C)mounting
2
(A) ~ (F)
mounting
50
70
30
1
(E)mounting
-10
70
60
50
40
0
3
2
Forced air
(0.5m3 /min)
1
Convection
80
100
60
40
20
0
20
10
0
[C]
Ambient temperature
1
(A)mounting
1
(D), (E), (F)
mounting
2
(A) ~ (F)
mounting
50
30
1
(B), (C)
mounting
Output
voltage
Output power[W]
1
Convection
2
Forced air
24V
240.0
300.0
-10
70
60
50
40
0
3
2
Forced air
(0.5m3 /min)
1
Convection
80
100
60
40
20
0
20
10
0
[C]
Ambient temperature
1
(A)mounting
1
1
(B)mounting
1
(F)mounting
(C), (D), (E)mounting
2
(A) ~ (F)
mounting
50
30
35
45
LMA-9
Derating
¿
Derating curve for input voltage
¿
LMA100F Ambient temperature derating curve
(Reference value)
¿
LMA240F Ambient temperature derating curve
(Reference value)
¿
LMA150F Ambient temperature derating curve
(Reference value)
¡The operative ambient temperature is different by with / without chassis cover or mounting position.
Note: In the hatched area, the specification of Ripple, Ripple Noise is different from other area.
¡Make sure the temperature at point A and point B is less than the temperatures shown in Instruction Manual 3.
¡The ambient temperature should be measured 5 to 10 cm away from the power supply so that it won’t be influenced by the
heat from the power supply. Please consult us for more details.
LMA-series
June 29, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com