Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33975AEK Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # PC33975AEK
Description  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33975AEK Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button PC33975AEK Datasheet HTML 23Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 24Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 25Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 26Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 27Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 28Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 29Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 30Page - Freescale Semiconductor, Inc PC33975AEK Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
33975
PACKAGE DIMENSIONS
PACKAGE DIMENSIONS
The silicon device is packaged in the 32 terminal SOIC with an exposed pad. The exposed pad is thermally conductive and
electrically isolated to the die. It is recommended that the exposed pad be electrically connected to ground.
Important: For the most current revision of the package, visit www.freescale.com and perform a “keyword” search on the “98A”
number listed below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com