Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS30243R3C Datasheet(PDF) 7 Page - COSEL CO., LTD.

Part # SFS30243R3C
Description  DC-DC Converters PCB Mount Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SFS30243R3C Datasheet(HTML) 7 Page - COSEL CO., LTD.

  SFS30243R3C Datasheet HTML 1Page - COSEL CO., LTD. SFS30243R3C Datasheet HTML 2Page - COSEL CO., LTD. SFS30243R3C Datasheet HTML 3Page - COSEL CO., LTD. SFS30243R3C Datasheet HTML 4Page - COSEL CO., LTD. SFS30243R3C Datasheet HTML 5Page - COSEL CO., LTD. SFS30243R3C Datasheet HTML 6Page - COSEL CO., LTD. SFS30243R3C Datasheet HTML 7Page - COSEL CO., LTD. SFS30243R3C Datasheet HTML 8Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SFS/SFCS-8
SFS30
DC-DC Converters PCB Mount Type
SF
S
30
48
3R3
B
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
24:DC18 - 36V
48:DC36 - 76V
5Output voltage
6Mounting type
(Soldering process)
B :SMD(Pb-free solder)
C :DIP(Pb-free solder)
R
1
2
3
4
5
6
MODEL
SFS30481R2
MAX OUTPUT WATTAGE[W]
12.48
DC OUTPUT
1.2V 10.4A
SPECIFICATIONS
MODEL
SFS30481R2
INPUT
VOLTAGE[V]
DC36 - 76
CURRENT[A]
*1
0.30typ
EFFICIENCY[%]
*1
86typ
START-UP VOLTAGE[V]
DC32 - 36
HYSTERESIS VOLTAGE[V] DC2 min
OUTPUT
VOLTAGE[V]
1.2
CURRENT[A]
10.4
SFS30481R5
15.6
1.5V 10.4A
SFS30481R5
0.37typ
87.5typ
1.5
10.4
SFS30481R8
16.2
1.8V 9A
SFS30481R8
0.38typ
89typ
1.8
9
SFS30482R5
22.5
2.5V 9A
SFS30482R5
0.52typ
91typ
2.5
9
SFS30483R3
29.7
3.3V 9A
SFS30483R3
0.67typ
92typ
3.3
9
SFS304805
30.0
5V 6A
SFS304805
0.68typ
92.5typ
5
6
SFS304812
30.0
12V 2.5A
SFS304812
0.68typ
92typ
12
2.5
SFS304815
30.0
15V 2A
SFS304815
0.68typ
92typ
15
2
VOLTAGE ACCURACY[%] +5, -3
RIPPLE[mVp-p]
25max
RIPPLE NOISE[mVp-p]
50max
SFS304810
30.0
10V 3A
SFS304810
0.69typ
91typ
10
3
120max
150max
START-UP TIME[ms]
20 - 200max (DCIN 48V, Io=100%)
OUTPUT VOLTAGE SETTING *1 t1% of rated output voltage
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 103% of rating
OVERVOLTAGE PROTECTION Works at 120 - 140% of rating
LOWVOLTAGE PROTECTION Works at 90% max of rating
REMOTE ON/OFF
Provided(RC open : ON, short between RC and +Vin : OFF)
MODEL
MAX OUTPUT WATTAGE[W]
DC OUTPUT
SPECIFICATIONS
MODEL
SFS30242R5
INPUT
VOLTAGE[V]
DC18 - 36
CURRENT[A]
*1
EFFICIENCY[%]
*1
START-UP VOLTAGE[V]
DC16 - 18
HYSTERESIS VOLTAGE[V] DC1 min
OUTPUT
VOLTAGE[V]
CURRENT[A]
SFS30242R5
22.5
2.5V 9A
1.04typ
90typ
2.5
9
SFS30243R3
SFS30243R3
29.7
3.3V 9A
1.36typ
91typ
3.3
9
SFS302405
SFS302405
30.0
5V 6A
1.36typ
92typ
5
6
SFS302415
SFS302415
30.0
15V 2A
1.39typ
90typ
15
2
VOLTAGE ACCURACY[%] +5, -3
RIPPLE[mVp-p]
25max
RIPPLE NOISE[mVp-p]
50max
SFS302412
SFS302412
30.0
12V 2.5A
1.36typ
92typ
12
2.5
120max
150max
START-UP TIME[ms]
20 - 200max (DCIN 24V, Io=100%)
OUTPUT VOLTAGE SETTING *1 t1% of rated output voltage
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 103% of rating
OVERVOLTAGE PROTECTION Works at 120 - 140% of rating
LOWVOLTAGE PROTECTION Works at 90% max of rating
REMOTE ON/OFF
Provided(RC open : ON, short between RC and +Vin : OFF)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com