Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33975A Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33975A
Description  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33975A Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33975A Datasheet HTML 4Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 5Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 6Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 7Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 8Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 9Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 10Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 11Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33975
STATIC ELECTRICAL CHARACTERISTICS
DIGITAL INTERFACE
Input Logic High-Voltage Thresholds (10)
VIH
0.7 x VDD
–VDD + 0.3
V
Input Logic Low-Voltage Thresholds (10)
VIL
GND - 0.3
–
0.2 x VDD
V
SCLK, SI, Tri-State SO Input Current
0.0 V to VDD
ISCLK, ISI,
ISO(Tri)
-10
–
10
µA
CS
Input Current
CS
= VDD
ICS
-10
–
10
µA
CS
Pull-Up Current
CS
= 0.0 V
ICS
30
–
100
µA
SO High-State Output Voltage
ISO(high) = -200 µA
VSO(high)
VDD - 0.8
–
VDD
V
SO Low-State Output Voltage
ISO(high) = 1.6 mA
VSO(low)
–
–
0.4
V
Input Capacitance on SCLK, SI, Tri-State SO (11)
CIN
–
–
20
pF
INT
Internal Pull-Up Current
–
15
40
100
µA
INT
Voltage
INT
= Open Circuit
VINT(high)
VDD - 0.5
–
VDD
V
INT
Voltage
IINT = 1.0 mA
VINT(low)
–
0.2
0.4
V
WAKE
Internal Pull-Up Current
IWAKE(pu)
20
40
100
µA
WAKE
Voltage
WAKE
= Open Circuit
VWAKE(high)
4.0
4.3
5.3
V
WAKE
Voltage
IWAKE = 1.0 mA
VWAKE(low)
–
0.2
0.4
V
WAKE
Voltage (11)
Maximum Voltage Applied to WAKE Through External Pull-Up
VWAKE(max)
–
–
40
V
Notes
10.
Upper and lower logic threshold voltage levels apply to SI, CS, and SCLK.
11.
This parameter is guaranteed by design however, is not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions of 3.0 V ≤ VDD ≤ 5.5 V, 8.0 V ≤ VPWR ≤ 28V, -40°C ≤ TC ≤ 125°C unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com