Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8FS-G15024CD-R Datasheet(PDF) 27 Page - Omron Electronics LLC

Part # S8FS-G15024CD-R
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G15024CD-R Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button S8FS-G15024CD-R Datasheet HTML 23Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 24Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 25Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 26Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 27Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 28Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 29Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 30Page - Omron Electronics LLC S8FS-G15024CD-R Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
S8FS-G
27
Mounting Brackets (Order Separately)
Use the Front-mounting Brackets together with DIN Rail-mounting Power Supplies (S8FS-G
@@@@@CD).
Note: Replacement brackets from the S8JX-N, S8JX-P, and S8VM series are available. Use these brackets for a front mounting configuration
using direct mounting models.
Refer to the data sheet (Cat. No.: T216-E1, T217-E1, and T218-E1) for more information.
Terminal cover (Order Separately)
Note: A Terminal Block Cover is provided with the Power Supply as a standard accessory. You can purchase another one if your Cover is damaged
or lost.
Power rating
Mounting direction
Model
15 W, 30 W, 50 W
100 W, 150 W and 300 W
Front-mounting
S82Y-FSG-30F
600 W
Front-mounting
S82Y-FSG-60F
Power rating
Applicable models
Terminal Cover model number
15 W
S8FS-G015
@@@
S82Y-FSG-C5P
30 W
S8FS-G030
@@@
50 W
S8FS-G050
@@@
100 W
S8FS-G100
@@@
S82Y-FSG-C7P
150 W
S8FS-G150
@@@
300 W
S8FS-G300
@@@
600 W
S8FS-G600
@@@
S82Y-FSG-C7P-L (Input Output)
S82Y-FSG-30F
7.3 (ends)
(R1.5)
t=1.2
Two,
4.5±0.1 dia
40
35
27
35±0.1
57
1
25
(ends)
S82Y-FSG-60F
7.3 (ends)
Two,
4.5±0.1 dia
(R1.5)
40
35
48
35±0.1
57
1
25
(ends)
t=1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com