Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6257GU Datasheet(PDF) 13 Page - MOSA ELECTRONICS

Part # MS6257GU
Description  Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6257GU Datasheet(HTML) 13 Page - MOSA ELECTRONICS

Back Button MS6257GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6257GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6257GU Datasheet HTML 9Page - MOSA ELECTRONICS MS6257GU Datasheet HTML 10Page - MOSA ELECTRONICS MS6257GU Datasheet HTML 11Page - MOSA ELECTRONICS MS6257GU Datasheet HTML 12Page - MOSA ELECTRONICS MS6257GU Datasheet HTML 13Page - MOSA ELECTRONICS MS6257GU Datasheet HTML 14Page - MOSA ELECTRONICS MS6257GU Datasheet HTML 15Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MOSA
MS6257
GAIN AND ATTENUATION VOLUME CONTROLLER IC
REV 1
13
www.mosanalog.com
Circuit
C5
10K
RCA2
L-IN1
C2
20p
04
0A
C18
104
C15
10u
R3
10K
+
C16
10u
10u
C3
R1
10K
C4
10u
RCA1
L-OUT
06
0B
03
RCA10
R-OUT
DVCC
0F
C1
20p
R6
05
RESET
RCA9
R-IN1
0D
R5
100K
09
U1
MS6257
1
2
3
4
5
6
7
8
L-IN1
L-OUT
VSS
SDA
SCL
VDD
R-OUT
R-IN1
U2
AT89C2051
1
20
5
4
12
13
14
15
16
17
18
19
2
3
6
7
8
9
11
RST/VPP
VCC
XTAL1
XTAL2
P1.0/AIN0
P1.1/AIN1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
P3.0/RXD
P3.1/TXD
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
P3.7
C17
104
AVDD
R2
10K
08
07
C12
R13
01
02
0E
C13
R14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com