Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6260MU Datasheet(PDF) 10 Page - MOSA ELECTRONICS

Part # MS6260MU
Description  Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6260MU Datasheet(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6260MU Datasheet HTML 3Page - MOSA ELECTRONICS MS6260MU Datasheet HTML 4Page - MOSA ELECTRONICS MS6260MU Datasheet HTML 5Page - MOSA ELECTRONICS MS6260MU Datasheet HTML 6Page - MOSA ELECTRONICS MS6260MU Datasheet HTML 7Page - MOSA ELECTRONICS MS6260MU Datasheet HTML 8Page - MOSA ELECTRONICS MS6260MU Datasheet HTML 9Page - MOSA ELECTRONICS MS6260MU Datasheet HTML 10Page - MOSA ELECTRONICS MS6260MU Datasheet HTML 11Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MOSA
MS6260
Gain And Attenuation Volume Controller IC
REV 1
10
www.mosanalog.com.tw
APPLICATION INFORMATION
Basic application example
L-IN
R-IN
2
9
10k
L-OUT
3
10uF
10uF
R-OUT
8
Power
Amplifier
MCU
SDA
10uF
10uF
10k
5
6
SCL
VDD
VSS
Supply
2.7~5V
7
4
47uF
0.1uF
Signal
MS6260
A.O
V
REF
Hi : Addr 10001000B
Lo: Addr 10001100B
110
10uF
Basic application flow chart
Volume Control
volume down to -79 dB
step by step
Enable Mute Function
mute on
Power off
V
DD = 0V
Pop Noise Free
power off preparation
wait 0.5 sec
Procedure Of Power Off
Procedure Of Power On
Volume Control
volume up/down
step by step
Initial Conditions
function off (-79dB)
mute on
Pop Noise Free
wait 1 sec
Disable Mute Function
mute off
Power on
V
DD = 5V
1. The initial condition is –79dB and mute on when power up.
2. In order to prevent pop noise when power on, please wait 1 sec to transmit I
2C command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com