Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6334 Datasheet(PDF) 13 Page - MOSA ELECTRONICS

Part # MS6334
Description  16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6334 Datasheet(HTML) 13 Page - MOSA ELECTRONICS

Back Button MS6334 Datasheet HTML 9Page - MOSA ELECTRONICS MS6334 Datasheet HTML 10Page - MOSA ELECTRONICS MS6334 Datasheet HTML 11Page - MOSA ELECTRONICS MS6334 Datasheet HTML 12Page - MOSA ELECTRONICS MS6334 Datasheet HTML 13Page - MOSA ELECTRONICS MS6334 Datasheet HTML 14Page - MOSA ELECTRONICS MS6334 Datasheet HTML 15Page - MOSA ELECTRONICS MS6334 Datasheet HTML 16Page - MOSA ELECTRONICS MS6334 Datasheet HTML 17Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MOSA
MS6334/6335
16-Bit Stereo Audio DAC integrated HP Driver with Volume Control
REV 1.0
13
www.mosanalog.com
APPLICATION INFORMATION
A MP3 with FM application
The analog and digital power can be supplied as single voltage.
AVSS
DVDD
DVSS
HP-VDD
AVDD
BCK
WS
DATA
SDA
2.2uF
300K
SCL
Headphone
CF
Line-Lin
RF
47uF
32Ω
Line-Lout
47uF
32Ω
CAP
Supply
2.7~5.5V
0.1uF
100uF
HP-VSS
0.1uF
0.1uF
MS6334
AO/CS
MODE
Audio
Decoder
MCU
Interface
CF
Line-Rin
RF
Line-Rout
FM
Module
HP-Rout
HP-Lout
FM-L
FM-R
RFM
RFM
8
14
7
9
8
12
13
15
7
1
16
20
6
5
17
18
4
3
19
20
VSS
HP-VDD
VDD
BCK
WS
DATA
SDA
2.2uF
300K
SCL
Headphone
CF
Line-Lin
RF
47uF
32Ω
Line-Lout
47uF
32Ω
CAP
Supply
2.7~5.5V
0.1uF
100uF
HP-VSS
0.1uF
MS6335
Audio
Decoder
MCU
Interface
CF
Line-Rin
RF
Line-Rout
FM
Module
HP-Rout
HP-Lout
FM-L
FM-R
RFM
RFM
Note :
Vo=0.02269*RF*VDD Vpp at 0dB gain
RF//CF to decide –3dB point
=3V, RL=32Ω, RF =24k, CF =390pF, Vo=1.63Vpp
For VDD
RL=16Ω, RF =22k, CF =470pF, Vo=1.50Vpp
FM mode, VLine DC Gain = RF/ RFM
Fig.7
MP3 with FM application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com