Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6863 Datasheet(PDF) 12 Page - MOSA ELECTRONICS

Part # MS6863
Description  Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6863 Datasheet(HTML) 12 Page - MOSA ELECTRONICS

Back Button MS6863 Datasheet HTML 6Page - MOSA ELECTRONICS MS6863 Datasheet HTML 7Page - MOSA ELECTRONICS MS6863 Datasheet HTML 8Page - MOSA ELECTRONICS MS6863 Datasheet HTML 9Page - MOSA ELECTRONICS MS6863 Datasheet HTML 10Page - MOSA ELECTRONICS MS6863 Datasheet HTML 11Page - MOSA ELECTRONICS MS6863 Datasheet HTML 12Page - MOSA ELECTRONICS MS6863 Datasheet HTML 13Page - MOSA ELECTRONICS MS6863 Datasheet HTML 14Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MOSA
MS6863
Dual 2W Power Amplifiers with Stereo Headphone
REV 1
12
www.mosanalog.com
EXTERNAL DIMENSIONS
TSSOP20 (Thermal Pad)
Dimension in mm
Dimension in inches
Symbol
Min
Nom
Max
Min
Nom
Max
A
0.80
-
1.15
0.031
-
0.045
A1
0.00
-
0.10
0.000
-
0.004
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
-
0.30
0.007
-
0.012
C
0.09
-
0.20
0.004
-
0.008
D
6.40
6.50
6.60
0.252
0.256
0.260
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.3
4.4
4.5
0.169
0.173
0.177
e
0.650 BASIC
0.026 BASIC
L
0.45
0.60
0.75
0.018
0.024
0.030
θ
0
o
-
8
o
0
o
-
8
o
y
-
-
0.10
-
-
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com