Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6541GU Datasheet(PDF) 6 Page - MOSA ELECTRONICS

Part # MS6541GU
Description  Stereo Headphone Driver, 0dB / 6dB Gain Low Voltage, Internal Mute Function No Popping Noise When Power On / Off
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6541GU Datasheet(HTML) 6 Page - MOSA ELECTRONICS

  MS6541GU Datasheet HTML 1Page - MOSA ELECTRONICS MS6541GU Datasheet HTML 2Page - MOSA ELECTRONICS MS6541GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6541GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6541GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6541GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6541GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6541GU Datasheet HTML 8Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MOSA
MS6544/6541
Class AB Stereo Headphone Driver with Mute
REV 1
6
www.mosanalog.com.tw
MUTE FUNCTION
Mute operation
VDD
Out
VTM
B
A
C
A
A: Mute period
Set Mute = Low to prevent the popping
noise when power is turned on and off.
B: Mute release time
The time constant is decided by R and
C of pin 2.
C: Mute start time
The time constant like Mute release time.
Mute function to prevent the popping noise
Time (Sec)
Conditions :
VDD = 5V, Vo =2Vpp
Process :
Mute On, VDD On, Mute Off
Mute On, VDD Off
Conditions :
VDD = 2.7V, Vo =2Vpp
Process :
Mute On, VDD On, Mute Off
Mute On, VDD Off
VDD
VO
VO loading
VDD
VO
VO loading



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com