Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVHF2800S Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DVHF2800S
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVHF2800S Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DVHF2800S Datasheet HTML 1Page - Delta Electronics, Inc. DVHF2800S Datasheet HTML 2Page - Delta Electronics, Inc. DVHF2800S Datasheet HTML 3Page - Delta Electronics, Inc. DVHF2800S Datasheet HTML 4Page - Delta Electronics, Inc. DVHF2800S Datasheet HTML 5Page - Delta Electronics, Inc. DVHF2800S Datasheet HTML 6Page - Delta Electronics, Inc. DVHF2800S Datasheet HTML 7Page - Delta Electronics, Inc. DVHF2800S Datasheet HTML 8Page - Delta Electronics, Inc. DVHF2800S Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DVHF2800S Series
1X004DSG
2
SPECIFICATIONS (T
CASE = -55°C to +125°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Junction Temperature Rise to Case
+12°C
Input Voltage (Transient, 1 second)
80 Volts
Storage Temperature
-65°C to +150°C
Output Power
1
20 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +125°C)
6 Watts
Weight (Maximum) (Un-Flanged / Flanged)
(24 / 27) Grams
DVHF283R3S
DVHF2805S
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
STATIC
Continuous
15
28
50
15
28
50
V
INPUT
Voltage
4
Transient, 1 sec
-
-
80
-
-
80
V
Inhibited
-
-
6
-
-
6
mA
Current
No Load
-
40
65
-
40
65
mA
Ripple Current
Full Load, 20Hz to 10MHz
-
-
80
-
-
80
mAp-p
Inhibit Pin Input
4
0
-
1.5
0
-
1.5
V
Inhibit Pin Open Circuit Voltage
4
9.0
11.0
13.0
9.0
11.0
13.0
V
UVLO Turn On
12.0
-
14.8
12.0
-
14.8
V
UVLO Turn Off
4
11.0
-
14.5
11.0
-
14.5
V
VOUT
TCASE = 25°C
3.267
3.30
3.333
4.95
5.00
5.05
V
OUTPUT
Voltage
VOUT
TCASE = -55°C to +125°C
3.25
3.30
3.35
4.925
5.00
5.075
V
Power
3
0
-
10
0
-
15
W
Current
3
VOUT
0
-
3.0
0
-
3.0
A
Ripple Voltage
VOUT
Full Load, 20Hz to 10MHz
-
-
40
-
-
40
mVp-p
Line Regulation
VOUT
VIN = 15V to 50V
-
-
20
-
-
20
mV
Load Regulation
VOUT
No Load to Full Load
-
-
50
-
-
50
mV
EFFICIENCY
65
-
-
72
-
-
%
Overload
4
-
-
8
-
-
8
W
LOAD FAULT POWER DISSIPATION
Short Circuit
-
-
8
-
-
8
W
CAPACITIVE LOAD
4
-
-
1000
-
-
1000
µF
SWITCHING FREQUENCY
350
450
500
350
450
500
kHz
ISOLATION
500 VDC
100
-
-
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
AIF @ TC = 55°C
-
427
-
-
427
-
kHrs
DYNAMIC
Load Step Output Transient
VOUT
-
-
400
-
-
600
mVPK
Load Step Recovery
2
Half Load to Full Load
-
-
500
-
-
600
µSec
Line Step Output Transient
4
VOUT
-
400
700
-
400
800
mVPK
Line Step Recovery
2, 4
VIN = 16V to 40V
-
300
500
-
300
700
µSec
Turn On Delay
VOUT
-
10
20
-
10
20
mSec
Turn On Overshoot
VIN = 0V to 28V
-
0
15
-
0
25
mVPK
Notes: 1. Dependant on output voltage.
2. Time for output voltage to settle within 1% of its nominal value.
3. Derate linearly to 0 at 135°C.
4. Verified by qualification testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com