Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVMD28 Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # DVMD28
Description  HIGH RELIABILITY HYBRID EMI FILTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVMD28 Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button DVMD28 Datasheet HTML 3Page - Delta Electronics, Inc. DVMD28 Datasheet HTML 4Page - Delta Electronics, Inc. DVMD28 Datasheet HTML 5Page - Delta Electronics, Inc. DVMD28 Datasheet HTML 6Page - Delta Electronics, Inc. DVMD28 Datasheet HTML 7Page - Delta Electronics, Inc. DVMD28 Datasheet HTML 8Page - Delta Electronics, Inc. DVMD28 Datasheet HTML 9Page - Delta Electronics, Inc. DVMD28 Datasheet HTML 10Page - Delta Electronics, Inc. DVMD28 Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DVMD28 Series
1X024DSE
7
PACKAGE SPECIFICATIONS
TOP VIEW
SIDE VIEW
PIN
FUNCTION
1
28V IN
2
28V OUT
3
OUT COM
4
CASE
5
IN COM
BOTTOM VIEW
Figure 10
– Package and Pinout
(Dimensional Limits are ±0.005” Unless Otherwise Stated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com