Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVWR2800T Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DVWR2800T
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVWR2800T Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DVWR2800T Datasheet HTML 1Page - Delta Electronics, Inc. DVWR2800T Datasheet HTML 2Page - Delta Electronics, Inc. DVWR2800T Datasheet HTML 3Page - Delta Electronics, Inc. DVWR2800T Datasheet HTML 4Page - Delta Electronics, Inc. DVWR2800T Datasheet HTML 5Page - Delta Electronics, Inc. DVWR2800T Datasheet HTML 6Page - Delta Electronics, Inc. DVWR2800T Datasheet HTML 7Page - Delta Electronics, Inc. DVWR2800T Datasheet HTML 8Page - Delta Electronics, Inc. DVWR2800T Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DVWR2800T Series
1X049DSB
2
SPECIFICATIONS (T
CASE = -55°C to +125°C, VIN = +28V ± 5%, Full Load
5, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Junction Temperature Rise to Case
+15°C
Input Voltage (Transient, 1 second)
80 Volts
Storage Temperature
-65°C to +150°C
Output Power
25 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +125°C)
8 Watts
Weight (Maximum) (Un-Flanged / Flanged)
(50 / 56) Grams
DVWR283R312T
DVWR283R315T
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
STATIC
Continuous
15
28
50
15
28
50
V
INPUT
Voltage
Transient, 1 sec
4
-
-
80
-
-
80
V
Inhibited
-
3.5
5
-
3.5
5
mA
Current
No Load
-
20
40
-
20
40
mA
Ripple Current
Full Load
5, 20Hz to 10MHz
-
20
50
-
20
50
mAp-p
Inhibit Pin Input
4
0
-
1.5
0
-
1.5
V
Inhibit Pin Open Circuit Voltage
4
13
15
17
13
15
17
V
UVLO Turn On
10.5
-
14.5
10.5
-
14.5
V
UVLO Turn Off
4
11.0
-
14.5
11.0
-
14.5
V
VMAIN
3.25
3.30
3.35
3.25
3.30
3.35
V
+VAUX
11.88
12.0
12.12
14.85
15.0
15.15
V
-VAUX
TCASE = 25°C
-12.24
-12.0
-11.76
-15.30
-15.0
-14.70
V
VMAIN
3.20
3.30
3.40
3.20
3.30
3.40
V
+VAUX
11.64
12.0
12.36
14.55
15.0
15.45
V
OUTPUT
Voltage
-VAUX
TCASE = -55°C to +125°C
-12.48
-12.0
-11.52
-15.60
-15.0
-14.40
V
Total
0
-
25
0
-
25
W
VMAIN
0
-
10
0
-
10
W
Power
4
±VAUX
6
0
-
15
0
-
15
W
VMAIN
0
-
3.03
0
-
3.03
A
Current
3
±VAUX
Either Output
6
0
-
0.87
0
-
0.70
A
VMAIN
-
20
60
-
20
60
mVp-p
Ripple Voltage
±VAUX
Full Load
5, 20Hz to 10MHz
-
40
100
-
40
100
mVp-p
VMAIN
-
10
25
-
10
25
mV
+VAUX
-
15
50
-
15
50
mV
Line Regulation
-VAUX
VIN = 15V to 50V
-
20
100
-
20
100
mV
VMAIN
-
10
25
-
10
25
mV
+VAUX
-
10
50
-
10
50
mV
Load Regulation
-VAUX
No Load to Full Load
5,8
-
50
250
-
50
250
mV
Cross Regulation
±VAUX
+VOUT = 30%, -VOUT = 70%
+VOUT = 70%, -VOUT = 30%
-
-
550
-
-
550
mV
EFFICIENCY
Full Load
5
74
79
-
75
80
-
%
Overload
4
-
-
15
-
-
15
W
LOAD FAULT POWER DISSIPATION
Short Circuit
-
-
10
-
-
10
W
CAPACITIVE LOAD
4
-
-
500
-
-
500
µF
SWITCHING FREQUENCY
550
650
700
550
650
700
kHz
SYNCHRONIZATION FREQUENCY
7
700
750
800
700
750
800
kHz
ISOLATION
500 VDC, TCASE = 25°C
100
-
-
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
AIF @ TC = 55°C
-
307
-
-
307
-
kHrs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com