Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM-461 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # FM-461
Description  EMI INPUT FILTERS 28 VOLT INPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FM-461 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  FM-461 Datasheet HTML 1Page - Interpoint Corporation Company FM-461 Datasheet HTML 2Page - Interpoint Corporation Company FM-461 Datasheet HTML 3Page - Interpoint Corporation Company FM-461 Datasheet HTML 4Page - Interpoint Corporation Company FM-461 Datasheet HTML 5Page - Interpoint Corporation Company FM-461 Datasheet HTML 6Page - Interpoint Corporation Company FM-461 Datasheet HTML 7Page - Interpoint Corporation Company FM-461 Datasheet HTML 8Page - Interpoint Corporation Company FM-461 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
B8-17
CASE H
CASES
CASE H
BOTTOM VIEW
See Figures 29 – 34
for pin configurations.
2.125 max
(53.98)
1.125 max
(28.58)
Materials
Header Cold Rolled Steel/Nickel/Gold
cases H1 and H2
Cold Rolled Steel/Nickel/Tin
cases H3, H4, and H5
Cover
Kovar/Nickel
cases H1 and H2
Cold Rolled Steel/Nickel/Tin
cases H3, H4, and H5
Pins
#52 alloy
ceramic seal
case H1
case H2 (except MHV Series Single and Dual)
compression glass seal
MHV Series Single and Dual
case H3, H4, H5
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
Dot on top of case indicates pin one
0.155 (3.94)
0.955 (24.26)
Seam Seal
0.040 dia
(1.02)
0.000
0.555 (14.1)
1.110 (28.19)
12
3
4
5
FMC EMI Filter: Screening – Standard, ES, or 883
SFMC EMI Filter: Screening – Space Standard, H, or K
BOTTOM VIEW CASE H1
Squared corner and dot on top
of case indicate pin one.
FIGURE 29: CASE H1
FIGURE 28: CASE H MAXIMUM DIMENSIONS
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer
to the numerical dimensions for accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com