Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM-704A/883 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # FM-704A/883
Description  EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FM-704A/883 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  FM-704A/883 Datasheet HTML 1Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 2Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 3Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 4Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 5Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 6Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
INHIBIT
RECOMMENDED OPERATING CONDITIONS
TYPICAL CHARACTERISTICS
Input Voltage
• 16 to 40 VDC continuous for 40 W load
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
B3-4
FM-704A EMI FILTER
40 WATT
Input Voltage Range
• 16 to 40 VDC continuous for 40 W load
Case Operating Temperature (Tc)
• –55°C to +125°C
Derating Output Power
• Linearly from 40 W at 105°C to 25 W at 125°C to meet
MIL-STD-1275A (AT) and MIL-STD-704A
Electrical Characteristics: 25°C Tc, nominal Vin, unless otherwise specified.
EMI INPUT FILTERS
Capacitance
• 0.017 µF max, any pin to case
Undervoltage lockout
• 7 VDC min, 15 VDC max
Isolation
• 100 megohm minimum at 500 V
• Any pin to case, except case pin
Inhibit Pin Voltage (unit enabled)
• 5.5 V max
Inhibit TTL Open Collector
• Logic low (output disabled)
Logic low voltage
≤0.8 V
Logic low inhibit pin current 0.6 mA max
• Referenced to input common
• Logic high (output enabled)
Open collector
FM-704A
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT VOLTAGE
NO LOAD
0
28
40
40 W LOAD
16
28
40
VDC
UNDERVOLTAGE LOCKOUT
7
15
INPUT CURRENT
16 VIN
2.5
A
40 VIN
1.0
NO LOAD
5
mA
INHIBITED
2
INPUT SURGE
40 W, 100 V, 0.5
Ω Z
S, 60 ms
1
42
48
VOUT
INPUT SPIKE
40 W, 400 V, 0.5
Ω Z
S, 5 µs
2
——
48
V
OUT
40 W, 600 V, 50
Ω Z
S, 10 µs
3
48
DIFFERENTIAL MODE
500 kHz
60
dB
NOISE REJECTION
1 MHz
55
DC RESISTANCE (RDC)
Tc = 25°C
0.45
OUTPUT VOLTAGE
STEADY STATE
VOUT = VIN - IIN (RDC)
VDC
INHIBITED
1
OUTPUT CURRENT
16 VIN
2.5
A
40 VIN
1.0
INTERNAL POWER
PEAK
DISSIPATION
105°C
1000
125°C
500
W
CONTINUOUS ( > 10 SEC.)
105°C
30
125°C
15
Notes
1. Meets MIL-STD-1275A (AT) Surge and Figure 8 and 9 of MIL-STD-704A. For these standards derate output power linearly from 40 W at 105°C to 25
W at 125°C.
2. Meets Panavia SP-P-90001, British Standard BS3G100 and Civil Aircraft D0160 Standards.
3. Meets MIL-STD-461C 1.2 CS06 limits.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com