Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMGA-461 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # FMGA-461
Description  EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMGA-461 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  FMGA-461 Datasheet HTML 1Page - Interpoint Corporation Company FMGA-461 Datasheet HTML 2Page - Interpoint Corporation Company FMGA-461 Datasheet HTML 3Page - Interpoint Corporation Company FMGA-461 Datasheet HTML 4Page - Interpoint Corporation Company FMGA-461 Datasheet HTML 5Page - Interpoint Corporation Company FMGA-461 Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL NUMBERING KEY
PIN OUT
TOP VIEW
FMGA
Differently colored glass bead around pin one or dimple in
header (bottom of case) indicates pin one.
Cover marking is oriented with pin one at the upper right corner.
1
2
3
4
5
6
8
9
7
18
17
16
15
14
13
12
11
10
FMGA - 461
Z
/
ES
Base Model
MIL-STD-461 Reference
Screening
(Standard screening has no designator
in this position.)
Gull Wing Lead Option
(Straight leaded filter has no designator
in this position.)
B3-23
EMI INPUT FILTERS
See Section B8, case B, for dimensions and “gull-wing” lead option.
FIGURE 3: PIN OUT
DSCC NUMBER
DSCC DRAWING
(5915)
IN PROCESS
FMGA
-461 FILTER
SIMILAR PART
FMGA-461/883
For exact specifications for a DSCC product, refer to the
DSCC drawing. Call you Interpoint representative for status
on the FMGA DSCC models.See Section A3, “SMD/DSCC
Lists”, for more information.
FMGA EMI FILTER
0.8 AMP
Pin
Description
1, 2
Positive Input
3, 4
No Connection
5, 6
Case Ground
7, 8, 9
Positive Output
10, 11, 12
Output Common
13, 14
Case Ground
15, 16
No Connection
17, 18
Input Common
To meet specified performance, all pins
must
be
connected
except
“No
Connection” pins.
RL
Positive
Output
FMGA-461
Positive
Input
Input
Common
Case
Ground
Output
Common
C
R
DC/DC Converter
Input
Common
Case
Ground
Output
Common
RL
Multiple units
allowed up to
rated output current.
The RC output is an optional
damping circuit. It is recommended in
applications where 80 volt line
transients may occur with rise times
<200 s. See text page one
"Connection and Operation."
C = 10 F, 100V –
C = Sprague 109D106X9100C2
R = 2.2
, 5%, 1/4 W, Carbon comp.
Positive
Input
Positive
Output
FIGURE 2: DAMPING CIRCUIT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com