Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMD270-461SL Datasheet(PDF) 14 Page - Interpoint Corporation Company

Part # FMD270-461SL
Description  EMI INPUT FILTERS 28 & 270 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD270-461SL Datasheet(HTML) 14 Page - Interpoint Corporation Company

Back Button FMD270-461SL Datasheet HTML 8Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 9Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 10Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 11Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 12Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 13Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 14Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 15Page - Interpoint Corporation Company FMD270-461SL Datasheet HTML 16Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
B8-22
CASE J
CASES
Materials
Header Case J1
Cold Rolled Steel/Nickel/Gold
Cases J2 - J5
Cold Rolled Steel/Nickel/Tin
Cover
Case J1
Kovar/Nickel
Case J2 - J5
Cold Rolled Steel/Nickel/Tin
Pins
#52 alloy (all cases)
Case J1
MHV Series Triple – compression glass seal
MTR Series Triple – ceramic seal
Cases J2 - J5
compression glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.2) for two decimal places
unless otherwise specified
CASE J
BOTTOM VIEW
See Figures 36 - 40
for pin configuration
1.350 max
(34.29)
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
Flange Thickness:
Cases J1 and J5
0.060 (1.52)
Case J2
0.073 (1.85) max
Cases J3 and J4
0.067 +0.005/-0.007 (1.70 +0.13/-0.8)
2.720 max
(69.09)
Dot on top of case indicates pin one
FIGURE 35: CASE J MAXIMUM DIMENSIONS
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer
to the numerical dimensions for accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com