Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC6419-24 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AC6419-24
Description  10 amp per circuit 1-1/2 inch through-bore
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC6419-24 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AC6419-24 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC6419-24 Datasheet HTML 2Page - List of Unclassifed Manufacturers AC6419-24 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
26
Moog
•
www.moog.com
*Please note that the operational life of the unit is dependent upon rotational speed, environment and temperature.
AC6419 Specifications
(IP 65 Sealed Version of AC4598 and AC6200)
Options
Operating Speed
250 rpm*
• 5 inch (127 mm) O.D. flange with 4 mounting holes
• Various axial and radial lead exits are available
• Longer lead lengths are available
• Higher rotational speeds with alternate bearings
• Higher current and voltage capacity per circuit
• Signal and power circuit combination
Number of Circuits Refer to AC4598 and AC6200 data sheets
Lead Wire
16 gauge power, 26 gauge signal 12 inches (300 mm)
Voltage
600 VAC (10 amp rings) / 220 VAC (2 amp rings)
Operating Temp.
-40°C to 80°C
Current Rating
10 amp circuits
Noise
100 milliohms max.
Slip Rings With Through-Bores
Dimensions in inches
AC6419 Dimensions
Part Number
“A”
“B”
AC6419-6
2.602 inch (66.090 mm)
2.214 inch (56.235 mm)
AC6419-12
3.538 inch (89.865 mm)
3.150 inch (80.01 mm)
AC6419-18
4.474 inch (113.639 mm) 4.086 inch (103.784 mm)
AC6419-24
5.410 inch (137.414 mm) 5.022 inch (127.558 mm)
Refer to AC4598 / AC6200 for lead exits



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com